Electronic Components Datasheet Search
  English  ▼

X  

P3002ACMC Datasheet(PDF) 122 Page - Teccor Electronics

Part # P3002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3002ACMC Datasheet(HTML) 122 Page - Teccor Electronics

Back Button P3002ACMC Datasheet HTML 118Page - Teccor Electronics P3002ACMC Datasheet HTML 119Page - Teccor Electronics P3002ACMC Datasheet HTML 120Page - Teccor Electronics P3002ACMC Datasheet HTML 121Page - Teccor Electronics P3002ACMC Datasheet HTML 122Page - Teccor Electronics P3002ACMC Datasheet HTML 123Page - Teccor Electronics P3002ACMC Datasheet HTML 124Page - Teccor Electronics P3002ACMC Datasheet HTML 125Page - Teccor Electronics P3002ACMC Datasheet HTML 126Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 212 page
background image
Data Line Protectors
http://www.teccor.com
3 - 34
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Data Line Protectors
In many office and industrial locations, data lines (such as RS-232 and ethernet) and AC
power lines run in close proximity to each other, which often results in voltage spikes being
induced onto the data line, causing damage to sensitive equipment.
Protection Requirements
Data lines should be protected against overvoltages that can exceed 1500 V and surge
currents up to 50 A.
Data Line Reference Circuit
Figure 3.42 shows how a SIDACtor device is used to protect low voltage data line circuits.
Figure 3.42 Data Line Protection
RS-232
I.C.
TXD
P0080SA
or
P0300SA
RXD
CTS
P0080SA
or
P0300SA
P0080SA
or
P0300SA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com