Electronic Components Datasheet Search
  English  ▼

X  

P3002ACMC Datasheet(PDF) 148 Page - Teccor Electronics

Part # P3002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3002ACMC Datasheet(HTML) 148 Page - Teccor Electronics

Back Button P3002ACMC Datasheet HTML 144Page - Teccor Electronics P3002ACMC Datasheet HTML 145Page - Teccor Electronics P3002ACMC Datasheet HTML 146Page - Teccor Electronics P3002ACMC Datasheet HTML 147Page - Teccor Electronics P3002ACMC Datasheet HTML 148Page - Teccor Electronics P3002ACMC Datasheet HTML 149Page - Teccor Electronics P3002ACMC Datasheet HTML 150Page - Teccor Electronics P3002ACMC Datasheet HTML 151Page - Teccor Electronics P3002ACMC Datasheet HTML 152Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 212 page
background image
UL 497
http://www.teccor.com
4 - 24
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
UL 497
UL 497 Series of Safety Standards
The UL 497 series is a family of three safety standards that provides requirements for
protection devices used in low-voltage circuits.
• UL 497 addresses requirements for primary protectors used in paired communications
circuits.
• UL 497A covers secondary protectors for use in single or multiple pair-type
communications circuits.
• UL 497B addresses protectors used in data communication and fire alarm circuits.
• UL 497C addresses protectors for coaxial circuits.
The focus of UL 497 is to ensure that paired communication circuit protectors do not
become a fire or safety hazard. The requirements in UL 497 cover any protector that is
designed for paired communications circuits and is employed in accordance with Article 800
of the National Electric Code. The protectors covered in UL 497 include solid state primary
and station protectors. These circuit protectors are intended to protect equipment, wiring,
and service personnel against the effects of excessive voltage potential and currents in the
telephone lines caused by lightning, power cross, power induction, and rises in Ground
potential.
UL 497 Construction and Performance Requirements
The “Construction” section covers the following requirements:
• General
• Enclosures
• Protection Against Corrosion
• Field-wiring Connections
• Components
• Spacing
The “Performance” section covers the following requirements:
• General
• Line Fuse Test
• Instrument Fuse Test
• Arrestor Test
• Polymeric Material Test
• Rubber Materials Test
• Corrosion Test, Outdoor Use Protector
• Jarring Test
• Water Spray Test
• Drop Test
• Cover Replacement Test
• Strain Relief Test
• Replacement Arrestors Installation Test
• Appliqué Assemblies Installation Test
• Dielectric Voltage-withstand Test
• Manufacturing and Production Tests
• Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com