Electronic Components Datasheet Search
  English  ▼

X  

P3002ACMC Datasheet(PDF) 167 Page - Teccor Electronics

Part # P3002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3002ACMC Datasheet(HTML) 167 Page - Teccor Electronics

Back Button P3002ACMC Datasheet HTML 163Page - Teccor Electronics P3002ACMC Datasheet HTML 164Page - Teccor Electronics P3002ACMC Datasheet HTML 165Page - Teccor Electronics P3002ACMC Datasheet HTML 166Page - Teccor Electronics P3002ACMC Datasheet HTML 167Page - Teccor Electronics P3002ACMC Datasheet HTML 168Page - Teccor Electronics P3002ACMC Datasheet HTML 169Page - Teccor Electronics P3002ACMC Datasheet HTML 170Page - Teccor Electronics P3002ACMC Datasheet HTML 171Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 212 page
background image
SIDACtor Device Selection Criteria
© 2002 Teccor Electronics
5 - 5
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
SIDACtor Device Selection Criteria
When selecting a SIDACtor device, the following criteria should be used:
Off-state Voltage (VDRM)
The VDRM of the SIDACtor device must be greater than the maximum operating voltage of
the circuit that the SIDACtor device is protecting.
Example 1:
For a POTS (Plain Old Telephone Service) application, convert the maximum operating
Ring voltage (150 V rms) to a peak voltage, and add the maximum DC bias of the central
office battery:
150 VRMS
Ö2 + 56.6 VPK = 268.8 VPK
\ VDRM > 268.8 V
Example 2:
For an ISDN application, add the maximum voltage of the DC power supply to the
maximum voltage of the transmission signal (for U.S. applications, the U-interface will not
have a DC voltage, but European ISDN applications may):
150 VPK + 3 VPK = 153 VPK
\ VDRM > 153 V
Switching Voltage (VS)
The VS of the SIDACtor device should be equal to or less than the instantaneous peak
voltage rating of the component it is protecting.
Example 1:
VS
£ VRelay Breakdown
Example 2:
VS
£ SLIC VPK
Peak Pulse Current (IPP)
For circuits that do not require additional series resistance, the surge current rating (IPP) of
the SIDACtor device should be greater than or equal to the surge currents associated with
the lightning immunity tests of the applicable regulatory requirement (IPK):
IPP
³ IPK
For circuits that use additional series resistance, the surge current rating (IPP) of the
SIDACtor device should be greater than or equal to the available surge currents associated
with the lightning immunity tests of the applicable regulatory requirement (IPK(available)):
IPP
³ IPK(available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com