Electronic Components Datasheet Search
  English  ▼

X  

P3002ACMC Datasheet(PDF) 172 Page - Teccor Electronics

Part # P3002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3002ACMC Datasheet(HTML) 172 Page - Teccor Electronics

Back Button P3002ACMC Datasheet HTML 168Page - Teccor Electronics P3002ACMC Datasheet HTML 169Page - Teccor Electronics P3002ACMC Datasheet HTML 170Page - Teccor Electronics P3002ACMC Datasheet HTML 171Page - Teccor Electronics P3002ACMC Datasheet HTML 172Page - Teccor Electronics P3002ACMC Datasheet HTML 173Page - Teccor Electronics P3002ACMC Datasheet HTML 174Page - Teccor Electronics P3002ACMC Datasheet HTML 175Page - Teccor Electronics P3002ACMC Datasheet HTML 176Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 212 page
background image
Overvoltage Protection Comparison
http://www.teccor.com
5 - 10
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Overvoltage Protection Comparison
The four most commonly used technologies for overvoltage protection are:
• SIDACtor devices
• Gas Discharge Tubes (GDTs)
• Metal Oxide Varistors (MOVs)
• TVS diodes
All four technologies are connected in parallel with the circuit being protected, and all exhibit
a high off-state impedance when biased with a voltage less than their respective blocking
voltages.
SIDACtor devices
A SIDACtor device is a PNPN device that can be thought of as a TVS diode with a gate.
Upon exceeding its peak off-state voltage (VDRM), a SIDACtor device will clamp a transient
voltage to within the device’s switching voltage (VS) rating. Then, once the current flowing
through the SIDACtor device exceeds its switching current, the device will crowbar and
simulate a short-circuit condition. When the current flowing through the SIDACtor device is
less than the device’s holding current (IH), the SIDACtor device will reset and return to its
high off-state impedance.
Advantages
Advantages of the SIDACtor device include its fast response time (Figure 5.3), stable
electrical characteristics, long term reliability, and low capacitance. Also, because the
SIDACtor device is a crowbar device, it cannot be damaged by voltage and it has extremely
high surge current ratings.
Restrictions
Because the SIDACtor device is a crowbar device, it cannot be used directly across the
AC line; it must be placed behind a load. Failing to do so will result in exceeding the
SIDACtor device’s surge current rating, which may cause the device to enter a permanent
short-circuit condition.
Applications
Although found in other applications, SIDACtor devices are primarily used as the principle
overvoltage protector in telecommunications and data communications circuits. For
applications outside this realm, follow the design criteria in "SIDACtor Device Selection
Criteria" on page 5-5.
Gas Discharge Tubes
Gas tubes are either glass or ceramic packages filled with an inert gas and capped on each
end with an electrode. When a transient voltage exceeds the DC breakdown rating of the
device, the voltage differential causes the electrodes of the gas tube to fire, resulting in an
arc, which in turn ionizes the gas within the tube and provides a low impedance path for the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com