Electronic Components Datasheet Search
  English  ▼

X  

P3002ACMC Datasheet(PDF) 182 Page - Teccor Electronics

Part # P3002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3002ACMC Datasheet(HTML) 182 Page - Teccor Electronics

Back Button P3002ACMC Datasheet HTML 178Page - Teccor Electronics P3002ACMC Datasheet HTML 179Page - Teccor Electronics P3002ACMC Datasheet HTML 180Page - Teccor Electronics P3002ACMC Datasheet HTML 181Page - Teccor Electronics P3002ACMC Datasheet HTML 182Page - Teccor Electronics P3002ACMC Datasheet HTML 183Page - Teccor Electronics P3002ACMC Datasheet HTML 184Page - Teccor Electronics P3002ACMC Datasheet HTML 185Page - Teccor Electronics P3002ACMC Datasheet HTML 186Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 212 page
background image
PCB Layout
http://www.teccor.com
5 - 20
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
3. Because traces exhibit a certain level of inductance, keep the length of the ground trace
on the PCB as short as possible in order to minimize its voltage contribution during a
transient condition. In order to determine the actual voltage contributed to trace
inductance, use the following equations:
V = L (di/dt)
L = 0.0051
r [loge 2 r/(t+w) +½ - logeG] in µH
where
r = length of trace
G = function of thickness and width as provided in Table 5.3
t = trace thickness
w = trace width
For example, assume circuit A is protected by a P3100SC with a VS equal to 300 V and a
ground trace one inch in length and a self-inductance equal to 2.4 µH/inch. Assume
circuit B has the identical characteristics as Circuit A, except the ground trace is five inches
in length instead of one inch in length. If both circuits are surged with a 100 A, 10x1000 µs
wave-form, the results would be as shown in Table 5.2:
Other practices to ensure sound grounding techniques are:
1. Cross signal grounds and earth grounds perpendicularly in order to minimize the field
effects of “noisy” power supplies.
2. Make sure that the ground fingers on any edge connector extend farther out than any
power or signal leads in order to guarantee that the ground connection invariably is
connected first.
Table 5.2 Overshoot Caused by Trace Inductance
VL = L (di/dt)
SIDACtor device VS
Total protection level
(VL + VS)
Circuit A
VL = 2.4 µH (100 A/10 µs) = 24 V
300 V
324 V
Circuit B
VL = 12 µH (100 A/10 µs) = 120 V
300 V
420 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com