Electronic Components Datasheet Search
  English  ▼

X  

ERA-2 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ERA-2
Description  MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ERA-2 Datasheet(HTML) 1 Page - Mini-Circuits

  ERA-2 Datasheet HTML 1Page - Mini-Circuits ERA-2 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MONOLITHIC AMPLIFIERS
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
ERA-SM
50
Ω
BROADBAND DC to 8 GHz
model identification
Model
marking (see note below)
ERA-1, ERA-1SM
1
ERA-2, ERA-2SM
2
ERA-21SM
21
ERA-3, ERA-3SM
3
ERA-33SM
33
ERA-4,-4SM
4
ERA-4XSM
4X
ERA-5, ERA-5SM
5
ERA-50SM
50
ERA-51SM
51
ERA-5XSM
5X
ERA-6, ERA-6SM
6
ERA-8SM
E8
Note: Prefix letter (optional) designates assembly
location. Suffix letters (optional) are for wafer
identification.
——
—
prefix letter
number
suffix letter
1
10
100
1,000
10,000
100,000
1,000,000
80
100
120
140
160
180 200
MTTF vs. Junction Temp.
(For all ERA Models except ERA-5, ERA-5SM)
Junction Temp. (˚C)
168
see suggested PCB layout PL-075 for ERA models
features
l low thermal resistance
l miniature microwave amplifier
l frequency range, DC to 8 GHz, usable to 10 GHz
l up to 18.4 dBm typ. (16.5 dBm min) output power
absolute maximum ratings
operating temperature: -45°C to 85°C
storage temperature: -65° to 150°C
NOTES:
u
Aqueous washable
*
at 1 GHz for ERA-4,5,6, 4SM,4XSM ,5SM,5XSM, 50SM, 51SM, 6SM, 8SM.
**
f
u is the upper frequency limit for each model as shown in the table;
for ERA-8SM VSWR (In & Out) is specified at DC-1GHz & 1-4 GHz.
*** Gain and VSWR are specified at 1.5 GHz.
J
Low frequency cutoff determined by external coupling capacitors.
A.
Environmental specifications and re-flow soldering information available in
General Information Section.
B.
Units are non-hermetic unless otherwise noted. For details on case
dimensions & finishes see “Case Styles & Outline Drawings”.
C.
Prices and Specifications subject to change without notice.
D.
For Quality Control Procedures see Table of Contents, Section 0,
"Mini-Circuits Guarantees Quality" article. For Environmental
Specifications see Amplifier Selection Guide.
1.
Model number designated by alphanumeric code marking.
2.
ERA-SM models available on tape and reel.
3.
Permanent damage may occur if any of these limits are exceeded. These
ratings are not intended for continuous normal operation.
4.
Supply voltage must be connected to pin 3 through a bias resistor in order
to prevent damage. See "Biasing MMIC Amplifiers" in minicircuits.com/
application.html. Reliability predictions are applicable at specified
current & normal operating conditions.
J
J
J
J
J
FREQ.
GHz
MODEL
u
u
u
u
u
NO.
C
O
N
N
E
C
T
I
O
N
CASE
STYLE
Qty.
(30)
PRICE
$
Note B
THERMAL
RESIS-
TANCE
GAIN , dB Typical
DC
OPERATING
POWER4
at Pin 3
In
f
L - fU
θθθθθjc
Typ.
°C/W
Current
(mA)
P
(mW)
ABSO-
LUTE
MAX.
RATING
3
I
(mA)
VSWR
(:1)
Typ.
DYNAMIC
RANGE
at 2 GHz*
NF
(dB)
Typ.
IP3
(dBm)
Typ.
MAXIMUM
POWER (dBm)
at 2 GHz*
Input
(no
dmg)
Output
(1 dB
Comp.)
Typ. Min.
3-f
U**
GHz
DC-3
GHz
3-f
U**
GHz
DC-3
GHz
Out
Min.@
2 GHz
1
0.1
2
3468
over frequency, GHz
low power, up to +13.5 dBm output
all specifications at 25°C
Typ Min Max
Device
Volt.
ERA-1
DC-8
12.3 12.1
11.8 10.9
9.7
7.9
8.2
9
12.0 10.0
15
4.3 26
1.5
1.8
1.5 1.9
75 330
40
3.4 3.0 4.1
178
VV105 cb
1.37
ERA-2
DC-6
16.2 15.8
15.2 14.4
13.1
11.2
—
13
13.0 11.0
15
4.0 26
1.3
1.4
1.2 1.6
75 330
40
3.4 3.0 4.1
155
VV105 cb
1.52
ERA-3
DC-3
22.1 21.0
18.7 16.8
—
—
—
16
12.5
9.0
13
3.5 25
1.5
—
1.4 —
75 330
35
3.2 3.0 4.1
154
VV105 cb
1.67
ERA-1SM
DC-8
12.3 12.1
11.8 10.9
9.7
7.9
8.2
9
12.0 10.0
15
4.3 26
1.5
1.8
1.5 1.9
75 330
40
3.4 3.0 4.1
183
WW107 cb
1.42
ERA-21SM
DC-8
14.2 13.9
13.2 12.2
10.8
8.7
8.9
11.2
12.6 10.6
15
4.7 26
1.1
1.4
1.3 1.9
75 330
40
3.5 3.0 4.1
194
WW107 cb
1.57
ERA-2SM
DC-6
16.2 15.8
15.2 14.4
13.1
11.2
—
13
13.0 11.0
15
4.0 26
1.3
1.4
1.2 1.6
75 330
40
3.4 3.0 4.1
160
WW107 cb
1.57
ERA-33SM
DC-3
19.3 18.7
17.4 15.9
—
—
—
15
13.5 11.5
13
3.9 28.5 1.6
—
1.25 —
75 330
40
4.3 3.8 4.8
140
WW107 cb
1.72
ERA-3SM
DC-3
22.1 21.0
18.7 16.8
—
—
—
16
12.5
9.0
13
3.5 25
1.5
—
1.4 —
75 330
35
3.2 3.0 4.1
159
WW107 cb
1.72
ERA-8SM
DC-2
31.5 25.0
19.0 15.0
12.0
—
—
17
12.5
—
13
3.1 25
1.4
1.8
1.8 2.2
65 250
36
3.7 3.2 4.2
140
WW107 cb
1.22
ERA


Similar Part No. - ERA-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ERA-2+ MINI-ERA-2+ Datasheet
122Kb / 1P
AMPLIFIERS
logo
Panasonic Semiconductor
ERA-2A PANASONIC-ERA-2A Datasheet
196Kb / 2P
Surface Mount Chip Resistors
ERA-2AEB103X PANASONIC-ERA-2AEB103X Datasheet
81Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-2AEB202X PANASONIC-ERA-2AEB202X Datasheet
80Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-2AEB5232X PANASONIC-ERA-2AEB5232X Datasheet
80Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
More results

Similar Description - ERA-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DG03-166 MINI-DG03-166 Datasheet
69Kb / 2P
MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
ERA-4XSM MINI-ERA-4XSM Datasheet
184Kb / 4P
Surface Mount Monolithic Amplifier 50?? Broadband, DC to 4 GHz
ERA-5XSM MINI-ERA-5XSM Datasheet
253Kb / 4P
Monolithic Amplifier 50OHM, Broadband, DC to 4 GHz
MNA-SERIES MINI-MNA-SERIES Datasheet
212Kb / 8P
Monolithic Amplifiers High Directivity, 50?? 0.5 to 5.9 GHz
GALI-1 MINI-GALI-1 Datasheet
191Kb / 4P
Monolithic Amplifier DC-8 GHz
GALI-2 MINI-GALI-2 Datasheet
192Kb / 4P
Monolithic Amplifier DC-8 GHz
GALI-21 MINI-GALI-21 Datasheet
192Kb / 4P
Monolithic Amplifier DC-8 GHz
logo
Marki Microwave
BAL-0050 MARKIMICROWAVE-BAL-0050 Datasheet
933Kb / 7P
Broadband Isolation Balun (300KHz to 50 GHz)
BT-0050 MARKIMICROWAVE-BT-0050 Datasheet
725Kb / 5P
Broadband: 4 kHz to 50 GHz
BTN1-0050 MARKIMICROWAVE-BTN1-0050 Datasheet
686Kb / 4P
Broadband: 500 kHz to 50 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com