Electronic Components Datasheet Search
  English  ▼

X  

AEE Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AEE
Description  1500 Vdc I/O isolation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AEE Datasheet(HTML) 1 Page - Artesyn Technologies

  AEE Datasheet HTML 1Page - Artesyn Technologies AEE Datasheet HTML 2Page - Artesyn Technologies AEE Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
AEE Series
15 Watts
Total Power: 15 Watts
Input Voltage: 12 V, 24 V or 48 V
# of Outputs: Single, Dual
Special featureS
ƒ
Encapsulated
ƒ
4:1 input range
ƒ
1” x 2” package
ƒ
1500 Vdc I/O isolation
ƒ
Single and Dual output
Safety
ƒ
UL 60950-1
ƒ
CE Mark
Electrical Specifications
Input
Input range:
9 to 36 VDC; 18 to 75 VDC
Efficiency2:
84% @ 12 Vo
Output
Voltage tolerance:
±2.0%
Line regulation:
±0.5%
Load regulation:
Single output: ±1.0%
Dual output: ±TBD%
Noise/ripple:
3.3 Vo: 100 mV
5.0 Vo: 100 mV
12 Vo: 120 mV
15 Vo: 120 mV
Short circuit protection:
Auto-restart
Switching frequency:
300 KHz
Temperature coefficient:
±0.02 /°C
Isolation
I/O isolation:
1500 VDC min.
Insulation resistance:
10 Mohm
Insulation capacitance:
1000 pF typical
Data Sheet
Environmental Specifications
Operating ambient temperature range:
-40°C to +71°C (no derating)
Storage temperature:
-55 °C to +105 °C
Humidity:
5% to 95% (non-condensing)
MTBF:
>1 Million hours
RoHS Compliant
RoHS-6


Similar Part No. - AEE

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEE ASTEC-AEE Datasheet
175Kb / 2P
Encapsulated
logo
Advanced Energy Industr...
AEE ADVANCEDENERGY-AEE Datasheet
418Kb / 6P
40 Watts
logo
Astec America, Inc
AEE-04 ASTEC-AEE-04 Datasheet
1Mb / 2P
Industry standard package
logo
Allied Components Inter...
AEE-207DI ALLIED-AEE-207DI Datasheet
525Kb / 1P
MODEM ISOLATION TRANSFORMER
AEE-208DI ALLIED-AEE-208DI Datasheet
1Mb / 1P
MODEM ISOLATION TRANSFORMER
More results

Similar Description - AEE

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66170 MICROPAC-66170 Datasheet
64Kb / 2P
1500 Vdc isolation test voltage
logo
AIMTEC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
Input / Output Isolation 1500 or 3000 VDC
logo
XP Power Limited
JCE03 XPPOWER-JCE03 Datasheet
328Kb / 3P
1500 VDC Isolation, 3000 VDC Option
logo
Texas Instruments
PT3320 TI1-PT3320_09 Datasheet
202Kb / 9P
1500 VDC Isolation
PT3340 TI1-PT3340_14 Datasheet
218Kb / 11P
1500 VDC Isolation
PT4100-24V TI1-PT4100-24V_14 Datasheet
153Kb / 3P
1500 VDC Isolation
PT4100-48V TI1-PT4100-48V_14 Datasheet
180Kb / 4P
1500 VDC Isolation
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
1500 VDC Isolation
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_16 Datasheet
205Kb / 5P
1500 and 3000VDC I/O Isolation
logo
Artesyn Technologies
AET ARTESYN-AET Datasheet
473Kb / 3P
1500 Vdc I/O isolation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com