Electronic Components Datasheet Search
  English  ▼

X  

VC1206M151R030 Datasheet(PDF) 13 Page - Kemet Corporation

Part # VC1206M151R030
Description  Surface Mount Varistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VC1206M151R030 Datasheet(HTML) 13 Page - Kemet Corporation

Back Button VC1206M151R030 Datasheet HTML 7Page - Kemet Corporation VC1206M151R030 Datasheet HTML 8Page - Kemet Corporation VC1206M151R030 Datasheet HTML 9Page - Kemet Corporation VC1206M151R030 Datasheet HTML 10Page - Kemet Corporation VC1206M151R030 Datasheet HTML 11Page - Kemet Corporation VC1206M151R030 Datasheet HTML 12Page - Kemet Corporation VC1206M151R030 Datasheet HTML 13Page - Kemet Corporation VC1206M151R030 Datasheet HTML 14Page - Kemet Corporation VC1206M151R030 Datasheet HTML 15Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
V0002_VC • 10/26/2016
Surface Mount Varistors
VC Series Low Voltage 125°C
Taping & Reel Specifications
Tape Size (mm)
8 mm
12 mm
0603
0805
1206
1210
1812
2220
Ao
1.2
1.6
1.9
2.9
3.75
5.6
Bo
1.9
2.4
3.75
3.7
5
6.25
Ko Maximum
1.1
1.1
1.8
2
2
2
B
1 Maximum
4.35
4.35
4.35
4.35
8.2
8.2
D
1 Minimum
0.3
0.3
0.3
0.3
1.5
1.5
E
2 Minimum
6.25
6.25
6.25
6.25
10.25
10.25
P
1
4
4
4
4
8
8
F
3.5
3.5
3.5
3.5
5.5
5.5
W
8.0
8.0
8.0
8.0
12.0
12.0
T
2 Maximum
3.5
3.5
3.5
3.5
6.5
6.5
W
1
8.4+1.5
8.4+1.5
8.4+1.5
8.4+1.5
12.4+2
12.4+2
W
2 Maximum
14.4
14.4
14.4
14.4
18.4
18.4
W
3
7.9...10.9
7.9...10.9
7.9...10.9
7.9...10.9
11.9...15.4
11.9...15.4
A
180
180
180
180
180
180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com