Electronic Components Datasheet Search
  English  ▼

X  

AVD75 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AVD75
Description  Fixed switching frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AVD75 Datasheet(HTML) 2 Page - Artesyn Technologies

  AVD75 Datasheet HTML 1Page - Artesyn Technologies AVD75 Datasheet HTML 2Page - Artesyn Technologies AVD75 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AVD75 Series Data Sheet
Ordering Information
Model number
Input voltage
Output voltage
Power
AVD75-48S3V3-6L
36 - 75 Vin
3.3 V @ 20 A
66 W
AVD75-48S3V3P-6L
36 - 75 Vin
3.3 V @ 20 A
66 W
AVD75-48S3V3B-6L
36 - 75 Vin
3.3 V @ 20 A
66 W
AVD75-48S3V3PB-6L
36 - 75 Vin
3.3 V @ 20 A
66 W
AVD75-48S1V2TL
36 - 75 Vin
1.2 V @ 25 A
30 W
AVD75-48S1V2-6L
36 - 75 Vin
1.2 V @ 25 A
30 W
AVD75-48S1V2B-6L
36 - 75 Vin
1.2 V @ 25 A
30 W
Notes:
Standard version is negative enable
-6 = 3.8 mm pin length
-T = Surface mount, reel tape package
-S = Surface mount, tray package
-L = RoHS 6 compliance
-P = Positive enable
Mechanical Drawings
6-Ø1.0±0.1
6-Ø1.8±0.1
LOAD BOARD
SIDE VIEW
2-Ø1.5±0.1
2-Ø2.3±0.1
UNIT: mm[inch]
BOTTOM VIEW: pin on upside
TOLERANCE: X.Xmm±0.5mm[X.XX in.±0.02in.]
X.XXmm±0.25mm[X.XXX in.±0.01in.]
7
6
5
4
3
2
1
8
BOTTOM VIEW
33[1.299]
28.00[1.102]
Notes:
1.
All specifications are subject to change without notice.
Mechanical drawings are for reference only.
2.
Label and logo appearance may vary from what is shown on
mechanical drawings.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com