Electronic Components Datasheet Search
  English  ▼

X  

AVE600 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AVE600
Description  Low ripple and noise
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AVE600 Datasheet(HTML) 2 Page - Artesyn Technologies

  AVE600 Datasheet HTML 1Page - Artesyn Technologies AVE600 Datasheet HTML 2Page - Artesyn Technologies AVE600 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AVE600 Series Data Sheet
Ordering Information
Model number
Input voltage
Output voltage
Power
AVE600-48S12B-4L
36 - 75 Vin
12 V @ 50 A
600 W
- Standard version is negative enable
- “-L” = Rohs6 compliance
- “-4” = 4.8mm pin length
- “-B” = Baseplate
Mechanical Drawings
4-M3
4
3
2
1
5
6
7
8
9
48.26 [1.900]
57.9 [2.280]
Base plate
Bottom view
4-ø4 ± 0.1
Side view
2- ø2.0± 0.1
7- ø1.0± 0.1
Load board
Unit: mm[inch]
Bottom view: pin on upside
Tolerance: X.Xmm ± 0.5mm[X.X in.± 0.02in.]
X.XXmm ± 0.25mm[X.XX in. ± 0.01in.]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com