Electronic Components Datasheet Search
  English  ▼

X  

AYA Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AYA
Description  Three year product warranty
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AYA Datasheet(HTML) 1 Page - Artesyn Technologies

  AYA Datasheet HTML 1Page - Artesyn Technologies AYA Datasheet HTML 2Page - Artesyn Technologies AYA Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
AYA Series
3 Watts
Total Power: 3 W
Input Voltage: 5, 12, 24, 48 V
# of Outputs: Single and Dual
SPECIAL FEATURES
ƒ
Ultra compact DIP package
(14 x 14 x 8.0 mm; 0.55 x 0.55 x 0.31
inches)
ƒ
Efficiency up to 87%
ƒ
I/O-isolation 1500 VDC
ƒ
Wide 2:1 input range
ƒ
Operating temperature range
-40 °C to +85 °C (with derating)
ƒ
Three year product warranty
ƒ
UL/cUL/IEC/EN 60950-1 Safety
Approval, CE Mark
SAFETY
ƒ
cUL/UL 60950-1 recognition
ƒ
CE Mark
Electrical Specifications
Input
Input range
4.5 - 10 Vdc; 9 - 18 Vdc; 18 - 36 Vdc; 36 - 75 Vdc
Efficiency
87% @ 12 Vo
Output
Voltage tolerance
±1.5%
Line regulation
±0.2%
Load regulation
1.0%
Noise/ripple
70 mV
Overload protection
170% typ of Io max, foldback
Short circuit protection
Continuous, automatic recovery
Switching frequency
100 kHz
Isolation
I/O isolation
I/O: 1500 Vdc
Insulation resistance
1000 Mohm
Insulation capacitance
100 pF
Data Sheet
Environmental Specifications
Operating ambient temperature range
-40 °C to +85 °C
Storage temperature
-50 °C to +125 °C
Humidity
5% to 95% non-condensing
MTBF
3.5 Mhrs calculated


Similar Part No. - AYA

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AYA TEC-AYA Datasheet
218Kb / 4P
3-phase WYE RFI Power Line Filters
logo
Advanced Energy Industr...
AYA ADVANCEDENERGY-AYA Datasheet
321Kb / 5P
ARTESYN AYA SERIES 2 Watts
12.16
AYA 2W ADVANCEDENERGY-AYA 2W Datasheet
321Kb / 5P
ARTESYN AYA SERIES 2 Watts
12.16
AYA00A05-L ADVANCEDENERGY-AYA00A05-L Datasheet
321Kb / 5P
ARTESYN AYA SERIES 2 Watts
12.16
AYA00A12-L ADVANCEDENERGY-AYA00A12-L Datasheet
321Kb / 5P
ARTESYN AYA SERIES 2 Watts
12.16
More results

Similar Description - AYA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD12-350_1103 RECOM-RACD12-350_1103 Datasheet
93Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD30 RECOM-RACD30 Datasheet
101Kb / 2P
AC/DC-Converter with 5 year Warranty
RPR20-243.3S RECOM-RPR20-243.3S Datasheet
195Kb / 6P
Railway-Converter with 3 year Warranty
RAC04 RECOM-RAC04 Datasheet
571Kb / 3P
AC/DC-Converter with 3 year Warranty
logo
List of Unclassifed Man...
ZUW1R51215 ETC2-ZUW1R51215 Datasheet
138Kb / 3P
5 year warranty(refer to Instruction Manual)
logo
Recom International Pow...
RACD25-500P RECOM-RACD25-500P Datasheet
93Kb / 2P
AC/DC-Converter with 5 year Warranty
RACM40 RECOM-RACM40 Datasheet
585Kb / 6P
Long 5 Year Warranty
RACM100 RECOM-RACM100 Datasheet
575Kb / 5P
Long 5 Year Warranty
logo
fujitsu semiconductor
ASU9RLF FUJITSU-ASU9RLF Datasheet
64Kb / 1P
Seven year compressor warranty
logo
ETA-USA
ZMP-SX-F-W-D ETA-USA-ZMP-SX-F-W-D Datasheet
2Mb / 5P
500W 2 year warranty
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com