Electronic Components Datasheet Search
  English  ▼

X  

DA12-M Datasheet(PDF) 3 Page - Artesyn Technologies

Part # DA12-M
Description  Medical and ITE Safeties
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DA12-M Datasheet(HTML) 3 Page - Artesyn Technologies

  DA12-M Datasheet HTML 1Page - Artesyn Technologies DA12-M Datasheet HTML 2Page - Artesyn Technologies DA12-M Datasheet HTML 3Page - Artesyn Technologies DA12-M Datasheet HTML 4Page - Artesyn Technologies DA12-M Datasheet HTML 5Page - Artesyn Technologies DA12-M Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DA12-M Series Data Sheet
Mechanical Drawings
2.36”
(60)
CONNECTOR PIN-OUT DETAIL
(-)
(+)
59”
(1500)
CONNECTOR PIN-OUT DETAIL
(+)
(-)
2.36”
(60)
59”
(1500)
DA12-XXXUS-M
DA12-XXXAU-M



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com