Electronic Components Datasheet Search
  English  ▼

X  

DA18-M Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DA18-M
Description  Thermal protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DA18-M Datasheet(HTML) 1 Page - Artesyn Technologies

  DA18-M Datasheet HTML 1Page - Artesyn Technologies DA18-M Datasheet HTML 2Page - Artesyn Technologies DA18-M Datasheet HTML 3Page - Artesyn Technologies DA18-M Datasheet HTML 4Page - Artesyn Technologies DA18-M Datasheet HTML 5Page - Artesyn Technologies DA18-M Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
POWER
DA18-M Series
18 Watts
Total Power: 18 Watts
Input Voltage: 90 - 264 Vac
# of Outputs: Single
Special FeatureS
ƒ
Medical and ITE Safeties
ƒ
Switching wallmount
power supply
ƒ
Available in interchangeable &
fixed ac plug configurations
ƒ
US and EU interchangeable AC
plugs can be inserted in
multiple orientations (straight or 90°)
ƒ
CE Mark EMC, LVD & ErP 2011
ƒ
Universal AC input
ƒ
Fully regulated output
ƒ
Overload and short circuit protection
ƒ
Thermal protection
ƒ
Energy Star and CeC compliant
ƒ
Efficiency level V
ƒ
Constant voltage
ƒ
High MTBF
ƒ
Built in EMI filter
(CISPR 22 Class B)
SaFety
ƒ
UL
60950, 60601-1
ƒ
cUL
60950, 60601-1
ƒ
TUV
60950-1, 60601-1
ƒ
AS/NZS
60950-1, 60601-1
ƒ
CB
Certificate and report
ƒ
CE
EMC, LVD & ErP 2011
for EU & UK versions
Electrical Specifications
Input
Input range:
90 - 264 Vac (wide range)
Frequency:
47 - 63Hz
Inrush current:
28 A @ 264 Vac
Input current:
0.35 A rms @ 120 Vac; 0.25 A @ 240 Vac
EMI/RFI:
FCC Part 15, Subpart B Class B & EN55022
(CISPR 22) Class B
Safety ground leakage current:
100 μA @ 50/60 Hz, 264 Vac input
Output
Voltage (Vo):
12 V and 15 V versions
Voltage regulation:
± 5% @ constant voltage mode
Maximum Power (Po):
18 W
Hold-up time:
10 ms. typical at full load @ 230 Vac
Overvoltage protection:
Non-latching type
Overload protection:
Output shortcircuit protection auto recover
Overload protected @ 150% above maximum rating
Overtemperature protection:
Auto recovery
Output cable/connector
barrel polarity:
DC cable with 2.5 mm x 5.5mm barrel plug, 2.1 mm x 5.5 mm
available on DC multi-plug version. For others please contact factory.
DC plug center +v
DC plug outer -v
Data Sheet


Similar Part No. - DA18-M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DA18-120AU-M ARTESYN-DA18-120AU-M Datasheet
2Mb / 6P
DA18-M Series 18 Watts
DA18-120EU-M ARTESYN-DA18-120EU-M Datasheet
2Mb / 6P
DA18-M Series 18 Watts
DA18-120MP-M ARTESYN-DA18-120MP-M Datasheet
2Mb / 6P
DA18-M Series 18 Watts
DA18-120MP-M2.1 ARTESYN-DA18-120MP-M2.1 Datasheet
2Mb / 6P
DA18-M Series 18 Watts
DA18-120UK-M ARTESYN-DA18-120UK-M Datasheet
2Mb / 6P
DA18-M Series 18 Watts
More results

Similar Description - DA18-M

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5212 MSK-MSK5212 Datasheet
151Kb / 6P
Internal Thermal Overload Protection
MSK5214 MSK-MSK5214 Datasheet
151Kb / 6P
Internal Thermal Overload Protection
logo
Skyworks Solutions Inc.
AAT4685 SKYWORKS-AAT4685 Datasheet
1Mb / 17P
thermal shutdown protection
logo
Integrated Silicon Solu...
IS31BL3228AB ISSI-IS31BL3228AB Datasheet
310Kb / 11P
Built-in thermal protection
logo
Unisonic Technologies
LR1198G-AE5-X-R UTC-LR1198G-AE5-X-R Datasheet
170Kb / 4P
Thermal Shutdown Protection
UD05021G-AF5-R UTC-UD05021G-AF5-R Datasheet
370Kb / 7P
Thermal Shutdown Protection
logo
STMicroelectronics
L78 STMICROELECTRONICS-L78 Datasheet
2Mb / 54P
Thermal overload protection
28-Nov-2016
A21SP16 STMICROELECTRONICS-A21SP16 Datasheet
862Kb / 37P
Thermal shutdown protection
06-Mar-2014
logo
Dialog Semiconductor
SLG59M1714V DIALOG-SLG59M1714V Datasheet
358Kb / 18P
Thermal Shutdown Protection
SLG59M1735C DIALOG-SLG59M1735C Datasheet
542Kb / 16P
Thermal Shutdown Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com