Electronic Components Datasheet Search
  English  ▼

X  

LDS150 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LDS150
Description  Dimming options
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDS150 Datasheet(HTML) 3 Page - Artesyn Technologies

  LDS150 Datasheet HTML 1Page - Artesyn Technologies LDS150 Datasheet HTML 2Page - Artesyn Technologies LDS150 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LDS150 Series Data Sheet
WORLDWIDE OFFICES
americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
europe (uK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use of
this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Embedded Technologies, Inc. All other
names and logos referred to are trade names, trademarks, or registered trademarks of their respective owners.
© 2014 Artesyn Embedded Technologies, Inc.
www.artesyn.com
LDS150 DS Rev. 08.27.14
Ordering Information
Model Number
Rated Output Voltage Rated Output Current
Dimming Interface
IP Rating
Case
LDS150-1400-H03
107 Vdc
1400 mA
1-10 V
IP67
Aluminum Extrusion
LDS150-1400-H03C
107 Vdc
1400 mA
1-10 V
IP67
Sheet Metal
Output Current (A) Dimming Res (kΩ)
-H03 Model
-H03C Model
100
0.52
6.45
200
1.20
15.10
300
1.99
21.50
400
3.00
27.30
500
3.91
34.41
600
5.04
42.10
700
6.56
48.41
800
8.66
56.20
900
11.10
63.30
1000
14.75
70.62
1100
20.00
78.12
1200
28.90
85.10
1300
44.13
92.32
1400
75.70
98.70
Current Adjust and Dimming Description
Apply Voltage or Resistance Across Purple & Grey Wires
Dimming with Applied Voltage
Output
Current
1 – 10 V
Signal
100%
10%
1 V
10 V
Dimming with External Resistance
0.0kΩ
20.0kΩ
40.0kΩ
60.0kΩ
80.0kΩ
100.0kΩ
100
mA
200
mA
300
mA
400
mA
500
mA
600
mA
700
mA
800
mA
900
mA
1000
mA
1100
mA
1200
mA
1300
mA
1400
mA
LDS150 Series Output with Dimmer Resistance
-H03 Model
-H03C Model



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com