Electronic Components Datasheet Search
  English  ▼

X  

LPQ200-M Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LPQ200-M
Description  Medical and ITE safeties
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPQ200-M Datasheet(HTML) 1 Page - Artesyn Technologies

  LPQ200-M Datasheet HTML 1Page - Artesyn Technologies LPQ200-M Datasheet HTML 2Page - Artesyn Technologies LPQ200-M Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
LPQ200-M Series
200 Watts
Total Power: 100 - 200 Watts
Input Voltage: 90 - 264 Vac
# of Outputs: Quad
SPECIAL FEATURES
ƒ
Medical and ITE safeties
ƒ
Active power factor correction
ƒ
3” x 5” footprint
ƒ
Less than 1U high
ƒ
EN61000-3-2 compliant
ƒ
Remote sense
ƒ
Power fail
ƒ
Adjustable outputs
ƒ
Built-in Class B EMI filter
ƒ
Overvoltage protection
ƒ
Overload protection
ƒ
Thermal overload protection
ƒ
LPX200 enclosure kit available
ƒ
RoHS compliant
SAFETY
ƒ
TUV
60950, 60601-1
ƒ
UL
60950, 60601-1
ƒ
CSA
60950, 60601-1
ƒ
CB
Certificate & report
ƒ
CE
Mark (LVD)
Electrical Specifications
Input
Input range
90 - 264 Vac; 120 - 300 Vdc
Frequency
47 - 63 Hz
Inrush current
50 A max., cold start @ 25 °C, 230 Vac input
Efficiency
84% typical at full load
EMI/RFI
FCC Class B conducted; CISPR22 Class B conducted;
EN55022 Class B conducted; VDE0878PT3 Class B conducted
Safety ground
leakage current
275 μA @ 50/60 Hz, 264 Vac input
Output
Maximum power
100 W for convection; 200 W with 30CFM forced air
Adjustment range
All outputs -20%, +10%, except for the 3.3 V output which will be
-15%, +10% (LPQ201-M)
Hold-up time
16 ms @ 200 W load, 120 Vac input
Overload protection
Short circuit protection on all outputs. V1, V2 & V3 overload protected
@ 110 - 160%. V4 is 150 - 250% above rating
Overvoltage protection
30 - 50% above nominal output on V1 (and V2 on LPQ201-M)
Logical Control
Power failure
Active low logic signal goes high 100-500 msec after main output; it
goes low at least 6 msec before loss of regulation
Remote sense
Compensates for 0.4 V lead drop min. Will operate without remote
sense connected. Reverse connection protected.
Data Sheet


Similar Part No. - LPQ200-M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPQ201-M ARTESYN-LPQ201-M Datasheet
1Mb / 3P
Total Power: 100 - 200 Watts
logo
Emerson Network Power
LPQ202-M EMERSON-NETWORKPOWER-LPQ202-M Datasheet
829Kb / 3P
LPQ200-M Series 200 Watts
logo
Artesyn Technologies
LPQ202-M ARTESYN-LPQ202-M Datasheet
1Mb / 3P
Total Power: 100 - 200 Watts
More results

Similar Description - LPQ200-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DA12-M EMERSON-NETWORKPOWER-DA12-M Datasheet
692Kb / 4P
Medical and ITE Safeties
LPS100-M EMERSON-NETWORKPOWER-LPS100-M Datasheet
618Kb / 3P
Medical and ITE safeties
LPS200-M EMERSON-NETWORKPOWER-LPS200-M Datasheet
757Kb / 3P
Medical and ITE safeties
LPS200-M EMERSON-NETWORKPOWER-LPS200-M_09 Datasheet
791Kb / 3P
Medical and ITE safeties
DA12-M EMERSON-NETWORKPOWER-DA12-M_09 Datasheet
603Kb / 4P
Medical and ITE Safeties
LPS202-M EMERSON-NETWORKPOWER-LPS202-M Datasheet
517Kb / 3P
Medical and ITE safeties
LPS100-M EMERSON-NETWORKPOWER-LPS100-M_09 Datasheet
643Kb / 3P
150 Watts Medical and ITE safeties
LPS200-M_0907 EMERSON-NETWORKPOWER-LPS200-M_0907 Datasheet
517Kb / 3P
250 Watts Medical and ITE safeties
logo
Artesyn Technologies
DA12-M ARTESYN-DA12-M Datasheet
2Mb / 6P
Medical and ITE Safeties
DP40 ARTESYN-DP40 Datasheet
516Kb / 2P
Medical and ITE safeties
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com