Electronic Components Datasheet Search
  English  ▼

X  

LPS250 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LPS250
Description  Single wire current sharing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPS250 Datasheet(HTML) 1 Page - Artesyn Technologies

  LPS250 Datasheet HTML 1Page - Artesyn Technologies LPS250 Datasheet HTML 2Page - Artesyn Technologies LPS250 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
LPS250 Series
250 Watts
Total Power: 250 Watts
Input Voltage: 85 - 264 Vac
120 - 300 Vdc
# of Outputs: Single
SPECIAL FEATURES
ƒ
Active power factor correction
ƒ
IEC EN6100-3-2 compliance
ƒ
Remote sense & remote inhibit
ƒ
Power fail
ƒ
Single wire current sharing
ƒ
Built-in EMI filter
ƒ
2:1 Wide range output voltage adjust
ƒ
2 Supervisory outputs 5 V and 12 V
ƒ
Overvoltage protection
ƒ
Overload protection
ƒ
Thermal overload protection
ƒ
DC power good
ƒ
120 kHz switching frequency
ƒ
RoHS compliant
ƒ
Cover -C
ƒ
Optional top with fan cover -CF
ƒ
Optional end fan cover -CEF
SAFETY
ƒ
VDE
60950
ƒ
UL
60950
ƒ
CSA
60950
ƒ
NEMKO 60950
ƒ
CB
Certificate and report 2186
ƒ
CE
Mark (LVD)
Electrical Specifications
Input
Input range
85 - 264 Vac; 120 - 300 Vdc
Frequency
47 - 440 Hz
Inrush current
20 A max, cold start @ 25 °C
Efficiency
75% typical at full load
EMI filter
FCC Class B conducted and radiated
CISPR 22 Class B conducted and radiated
EN55022 Class B conducted and radiated
VDE 0878 PT3 Class B conducted and radiated
Safety ground leakage current
< 0.5 mA @ 50/60 Hz, 264 Vac input
Output
Maximum power
With cover: 250 W with 30 CFM forced air.
(-C) (-CF) (CEF)
Supervisory output
5 V @ 100 mA regulated; 12 V @ 500 mA
Adjustment range
2:1 wide ratio
Hold-up time
20 ms @ 250 W load, 115 VAC nominal line
Overload protection
Short circuit protection on all outputs. Case overload protected @
10 - 145% above peak rating
Overvoltage protection
5 V output: 5.7 to 6.7 Vdc.
Other models 10% to 25% above nominal output
Logical Control
Power failure
TTL Logic signal goes high 50 - 150 msec after 5 V output. It goes low at
least 4 ms before loss of regulation
Remote on/off
Requires an external contact (N.O or N.C) to inhibit outputs
DC - OK
TTL logic goes high 50 - 150 msec after the output. It goes low when there
is loss of regulation.
Remote sense
Compensates for 0.5 V lead drop minimum, will operate without remote
sense connected. Reverse connection protected
Data Sheet


Similar Part No. - LPS250

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS250 ASTEC-LPS250 Datasheet
451Kb / 2P
250 Watts
logo
Emerson Network Power
LPS250 EMERSON-NETWORKPOWER-LPS250 Datasheet
427Kb / 3P
Active power factor correction
More results

Similar Description - LPS250

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5305 ONSEMI-CS5305 Datasheet
879Kb / 33P
Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
July, 2006 ??Rev. 7
logo
National Semiconductor ...
LM5080 NSC-LM5080 Datasheet
1Mb / 13P
Modular Current Sharing Controller
logo
Wall Industries,Inc.
PS800 WALL-PS800 Datasheet
156Kb / 4P
800 Watt Single Output PFC and Current Sharing PFC and Current Sharing
logo
SL Power Electronics
SPF-500 SLPOWER-SPF-500 Datasheet
71Kb / 2P
500-1000 Watts Single Output, Forced Current Sharing
logo
STMicroelectronics
AN1126 STMICROELECTRONICS-AN1126 Datasheet
197Kb / 16P
CURRENT SHARING OF THE L4973
May-1999
logo
Texas Instruments
LM5080 TI1-LM5080 Datasheet
924Kb / 22P
Modular Current Sharing Controller
logo
Total Power Internation...
TPAC400 TOTAL-POWER-TPAC400 Datasheet
405Kb / 2P
THIRD-WIRE CURRENT SHARING
logo
Bel Fuse Inc.
PET1300-12-0540A BEL-PET1300-12-0540A Datasheet
1Mb / 22P
Parallel operation with active current sharing
logo
Vicor Corporation
PI3740-00 VICOR-PI3740-00 Datasheet
1Mb / 48P
Parallel capable with single wire current sharing
logo
Artesyn Technologies
NTS350 ARTESYN-NTS350 Datasheet
891Kb / 5P
Single wire current sharing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com