Electronic Components Datasheet Search
  English  ▼

X  

NTS353 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NTS353
Description  Single wire current sharing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NTS353 Datasheet(HTML) 1 Page - Artesyn Technologies

  NTS353 Datasheet HTML 1Page - Artesyn Technologies NTS353 Datasheet HTML 2Page - Artesyn Technologies NTS353 Datasheet HTML 3Page - Artesyn Technologies NTS353 Datasheet HTML 4Page - Artesyn Technologies NTS353 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
POWER
NTS350 Series
350 Watts
Total Power: 200 - 350 Watts
Input Voltage: 85 - 264 Vac
120 - 300 Vdc
# of Outputs: Single
SPECIAL FEATURES
ƒ
Active power factor correction
ƒ
IEC EN6100-3-2 compliance
ƒ
Remote sense
ƒ
Power fail and remote inhibit
ƒ
Single wire current sharing
ƒ
Built-in EMI filter
ƒ
Low output ripple
ƒ
5 V standby
ƒ
12 V fan output
ƒ
Overvoltage protection
ƒ
Overload protection
ƒ
Thermal overload protection
ƒ
DC power good
ƒ
Built in OR-ing diode/FET
ƒ
Optional fan cover (-CF suffix)
ƒ
Optional end fan cover (-CEF suffix)
SAFETY
ƒ
TUV
60950
ƒ
UL
0950
ƒ
CSA
60950
ƒ
cULus
60950 (-CEF)
ƒ
NEMKO
60950
ƒ
AUSTEL 60950
ƒ
CB
Certificate and report
ƒ
CE
Mark (LVD)
ƒ
CCC
Certificate
Electrical Specifications
Input
Input range:
85 - 264 Vac (wide range)
Frequency:
47 - 440 Hz (47- 63 Hz for -CEF versions)
Inrush current:
38 A max., cold start @ 25 °C
Efficiency:
85% typical at full load
EMI filter:
FCC Class B conducted and radiated; CISPR22 Class B conducted
and radiated; EN55022 Class B conducted and radiated;
VDE0878PT3 Class B conducted and radiated.
Safety ground leakage
current:
< 0.5 mA @ 50/60 Hz, 264 Vac input
Output
Maximum power:
200 W for convection; 350 W with 30CFM forced air
Adjustment range:
± 5%
Standby output:
5 V @ 2 A regulated, ± 5%
Fan output:
12 V @ 1 A, -5 %, +7%, 0.5 A for -CF version
Hold-up time:
20 ms @ 350 W load, 115 Vac nominal line at factory voltage setting
Overload protection:
Short circuit protection on all outputs. Case overload protected @
115 - 130% of peak rating
Overvoltage protection:
20 - 35% above nominal output
Data Sheet


Similar Part No. - NTS353

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
NTS353 ASTEC-NTS353 Datasheet
345Kb / 2P
350 Watts
logo
Emerson Network Power
NTS353 EMERSON-NETWORKPOWER-NTS353 Datasheet
725Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
Active power factor correction
More results

Similar Description - NTS353

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5305 ONSEMI-CS5305 Datasheet
879Kb / 33P
Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
July, 2006 ??Rev. 7
logo
National Semiconductor ...
LM5080 NSC-LM5080 Datasheet
1Mb / 13P
Modular Current Sharing Controller
logo
Wall Industries,Inc.
PS800 WALL-PS800 Datasheet
156Kb / 4P
800 Watt Single Output PFC and Current Sharing PFC and Current Sharing
logo
SL Power Electronics
SPF-500 SLPOWER-SPF-500 Datasheet
71Kb / 2P
500-1000 Watts Single Output, Forced Current Sharing
logo
STMicroelectronics
AN1126 STMICROELECTRONICS-AN1126 Datasheet
197Kb / 16P
CURRENT SHARING OF THE L4973
May-1999
logo
Texas Instruments
LM5080 TI1-LM5080 Datasheet
924Kb / 22P
Modular Current Sharing Controller
logo
Total Power Internation...
TPAC400 TOTAL-POWER-TPAC400 Datasheet
405Kb / 2P
THIRD-WIRE CURRENT SHARING
logo
Bel Fuse Inc.
PET1300-12-0540A BEL-PET1300-12-0540A Datasheet
1Mb / 22P
Parallel operation with active current sharing
logo
Vicor Corporation
PI3740-00 VICOR-PI3740-00 Datasheet
1Mb / 48P
Parallel capable with single wire current sharing
logo
Artesyn Technologies
LPS250 ARTESYN-LPS250 Datasheet
492Kb / 3P
Single wire current sharing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com