Electronic Components Datasheet Search
  English  ▼

X  

NTS503 Datasheet(PDF) 5 Page - Artesyn Technologies

Part # NTS503
Description  Power fail and remote inhibit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NTS503 Datasheet(HTML) 5 Page - Artesyn Technologies

  NTS503 Datasheet HTML 1Page - Artesyn Technologies NTS503 Datasheet HTML 2Page - Artesyn Technologies NTS503 Datasheet HTML 3Page - Artesyn Technologies NTS503 Datasheet HTML 4Page - Artesyn Technologies NTS503 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NTS500 Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and service
marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names, trademarks,
or registered trademarks of their respective owners. © 2016 Artesyn Embedded Technologies, Inc. All rights
reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
www.artesyn.com
NTS500 DS 21Mar2016
Mechanical Drawing - CEF option
a
b
a
b
a
b
a
b
a
b
a
b
a
b
a
b
9.15"
(232.3)
2.40"
(61)
6.244"
(158.6)
5.85"
(148.6)
2.9"
(73.6)
4.7"
(119.6)
5.5"
(139.7)
M3 (8 places)
#6-32 (8 places)
AIR FLOW DIRECTION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com