Electronic Components Datasheet Search
  English  ▼

X  

SW417J Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW417J
Description  P-channel Enhanced mode SOT-23 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW417J Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW417J Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW417J Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW417J Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW417J Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW417J Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW417J Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Jul. 2015. Rev. 1.0
1/6
SW417J
105.1oC/W on a 1 in2 pad of 2oz copper.
P-channel Enhanced mode SOT-23 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
-30
V
I
D
Continuous drain current (@T
C=25
oC)
-4*
A
Continuous drain current (@T
C=100
oC)
-2.5*
A
I
DM
Drain current pulsed
(note 1)
-16
A
V
GS
Gate to source voltage
± 20
V
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
1.2
W
Derating factor above 25oC
0.01
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thja
Thermal resistance, Junction to ambient(note)
105.1
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : -30V
I
D
: -4A
R
DS(ON) : 54mΩ @VGS=-10V
77m
Ω @V
GS=-4.5V
SOT-23
G
D
S
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW R 417J
SW417J
SOT-23
REEL
Features
 High ruggedness
 Low R
DS(ON) (Typ 54mΩ)@VGS=-10V
Low R
DS(ON) (Typ 77mΩ)@VGS=-4.5V
 Low Gate Charge (Typ 10nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: DC-DC Converter,
Motor Control
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including
Fast switching time, low on resistance, low gate charge and especially excellent
Avalanche characteristics.
Note: R
thja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is d
efined as the solder mounting surface of the drain pins. R
thjc is guaranteed by design while Rthca is determined by the user's
board design.
1. Gate 2. Drain 3. Source
1
2
3


Similar Part No. - SW417J

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SW417J VBSEMI-SW417J Datasheet
501Kb / 9P
P-Channel 30 V (D-S) MOSFET
More results

Similar Description - SW417J

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW2N7002 SEMIPOWER-SW2N7002 Datasheet
621Kb / 5P
N-channel Enhanced mode SOT-23 MOSFET
SW4N40D SEMIPOWER-SW4N40D Datasheet
671Kb / 6P
N-channel Enhanced mode SOT-223 MOSFET
SW3406 SEMIPOWER-SW3406 Datasheet
836Kb / 6P
N-channel Enhanced mode SOT-23 MOSFET
SW3416J SEMIPOWER-SW3416J Datasheet
834Kb / 6P
N-channel Enhanced mode SOT-23 MOSFET
SWVS22 SEMIPOWER-SWVS22 Datasheet
823Kb / 6P
N-channel Enhanced mode SOT-23 MOSFET
logo
Foshan Blue Rocket Elec...
AO3407 FOSHAN-AO3407 Datasheet
968Kb / 6P
P- CHANNEL MOSFET in a SOT-23 Plastic Package
AO3409 FOSHAN-AO3409 Datasheet
784Kb / 7P
P- CHANNEL MOSFET in a SOT-23 Plastic Package
BSS84 FOSHAN-BSS84 Datasheet
750Kb / 6P
P-CHANNEL MOSFET in a SOT-23 Plastic Package
IRLML6401 FOSHAN-IRLML6401 Datasheet
593Kb / 5P
P- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2301 FOSHAN-SI2301 Datasheet
728Kb / 6P
P- CHANNEL MOSFET in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com