Electronic Components Datasheet Search
  English  ▼

X  

S3A3 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 114Page - Renesas Technology Corp S3A3 Datasheet HTML 115Page - Renesas Technology Corp S3A3 Datasheet HTML 116Page - Renesas Technology Corp S3A3 Datasheet HTML 117Page - Renesas Technology Corp S3A3 Datasheet HTML 118Page - Renesas Technology Corp S3A3 Datasheet HTML 119Page - Renesas Technology Corp S3A3 Datasheet HTML 120Page - Renesas Technology Corp S3A3 Datasheet HTML 121Page - Renesas Technology Corp S3A3 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 118 of 139
Mar 7, 2017
S3A3
2. Electrical Characteristics
2.12
Segment LCD Controller Characteristics
2.12.1
Resistance Division Method
[Static Display Mode]
[1/2 Bias Method, 1/4 Bias Method]
[1/3 Bias Method]
2.12.2
Internal Voltage Boosting Method
[1/3 Bias Method]
Note 1.
This is a capacitor that is connected between voltage pins used to drive the LCD.
Table 2.67
Resistance division method LCD characteristics (1)
Conditions: VL4 ≤ VCC ≤ 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
LCD drive voltage
VL4
2.0
-
VCC
V
-
Table 2.68
Resistance division method LCD characteristics (2)
Conditions: VL4 ≤ VCC ≤ 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
LCD drive voltage
VL4
2.7
-
VCC
V
-
Table 2.69
Resistance division method LCD characteristics (3)
Conditions: VL4 ≤ VCC ≤ 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
LCD drive voltage
VL4
2.5
-
VCC
V
-
Table 2.70
Internal voltage boosting method LCD characteristics
Conditions: VCC = 1.8 V to 5.5 V
Parameter
Symbol Conditions
Min
Typ
Max
Unit
Test
conditions
LCD output voltage
variation range
VL1
C1 to C4*1 = 0.47 μF
VLCD = 04h
0.90
1.0
1.08
V
-
VLCD = 05h
0.95
1.05
1.13
V
-
VLCD = 06h
1.00
1.10
1.18
V
-
VLCD = 07h
1.05
1.15
1.23
V
-
VLCD = 08h
1.10
1.20
1.28
V
-
VLCD = 09h
1.15
1.25
1.33
V
-
VLCD = 0Ah
1.20
1.30
1.38
V
-
VLCD = 0Bh
1.25
1.35
1.43
V
-
VLCD = 0Ch
1.30
1.40
1.48
V
-
VLCD = 0Dh
1.35
1.45
1.53
V
-
VLCD = 0Eh
1.40
1.50
1.58
V
-
VLCD = 0Fh
1.45
1.55
1.63
V
-
VLCD = 10h
1.50
1.60
1.68
V
-
VLCD = 11h
1.55
1.65
1.73
V
-
VLCD = 12h
1.60
1.70
1.78
V
-
VLCD = 13h
1.65
1.75
1.83
V
-
Doubler output voltage
VL2
C1 to C4*1 = 0.47 μF2 × VL1 - 0.1
2 × VL1 2 × VL1 V-
Tripler output voltage
VL4
C1 to C4*1 = 0.47 μF3 × VL1 - 0.15 3 × VL1 3 × VL1 V-
Reference voltage
setup time*2
tVL1S
5
--ms
Figure 2.92
LCD output voltage
variation range*3
tVLWT
C1 to C4*1 = 0.47 μF
500
-
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com