Electronic Components Datasheet Search
  English  ▼

X  

ACE537P Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE537P
Description  Low Noise High PSRR High Speed CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE537P Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE537P Datasheet HTML 1Page - ACE Technology Co., LTD. ACE537P Datasheet HTML 2Page - ACE Technology Co., LTD. ACE537P Datasheet HTML 3Page - ACE Technology Co., LTD. ACE537P Datasheet HTML 4Page - ACE Technology Co., LTD. ACE537P Datasheet HTML 5Page - ACE Technology Co., LTD. ACE537P Datasheet HTML 6Page - ACE Technology Co., LTD. ACE537P Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE537P
Low Noise High PSRR High Speed CMOS LDO
VER 1.1
1
Description
The ACE537P is a high accuracy, low noise, high speed, low dropout CMOS Linear regulator with high
ripple rejection and fast discharge function. The devices offer a new level of cost effective performance in
cellular phones, laptop and notebook computers, and other portable devices.
The current limiter's fold-back circuit also operates as a short circuit protection and an output current
limiter at the output pin.
The ACE537P regulators are available in standard SOT-23-5 packages. Standard products are Pb-free
and Halogen-free.
Features
Input voltage : 2.5V~5.5V
Output range : 1.2V~3.3V
Output current: 300mA Typ
PSRR: 70dB @ 1KHz
Dropout voltage: 170mV @ IOUT=200mA
Quiescent current: 30μA Typ.
Shut-
down current: < 1μA
Recommend capacitor: 1uF
Ultra Low Output Noise: 100uVRMS
Fast Discharge Function
Application
MP3/MP4 Players
Cellphones, radiophone, digital cameras
Bluetooth, wireless handsets
Others portable electronic device
Absolute Maximum Ratings
(Note)
Symbol
Items
Value
Unit
V
IN
Input Voltage
-0.3~6
V
V
EN
Enable Pin
-0.3~6
V
V
pin
All Other Pins
GND-0.3 to VDD+0.3
V
P
DMAX
Power Dissipation
SOT23-5
0.3
W
T
J
Junction Temperature
-40~125
℃
Tstg
Storage Temperature
-55 to 150
℃
Tsolder
Package Lead Soldering Temperature
260℃, 10s
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE537P

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE5372 ACE-ACE5372 Datasheet
305Kb / 29P
Low Power Real-Time Clock (RTC)
VER 1.2
ACE5372 ACE-ACE5372 Datasheet
939Kb / 31P
Low Power Real-Time Clock (RTC)
VER 1.3
ACE5372FM+H ACE-ACE5372FM+H Datasheet
305Kb / 29P
Low Power Real-Time Clock (RTC)
VER 1.2
ACE5372FM+H ACE-ACE5372FM+H Datasheet
939Kb / 31P
Low Power Real-Time Clock (RTC)
VER 1.3
ACE5372TM+H ACE-ACE5372TM+H Datasheet
305Kb / 29P
Low Power Real-Time Clock (RTC)
VER 1.2
More results

Similar Description - ACE537P

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9008ACX TSC-TS9008ACX Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
logo
Will Semiconductor Ltd.
WL2801E WILLSEMI-WL2801E Datasheet
813Kb / 10P
Low noise, High PSRR, High speed, CMOS LDO
WL2808E WILLSEMI-WL2808E Datasheet
1Mb / 9P
Low noise, High PSRR, High speed, CMOS LDO
WL2810 WILLSEMI-WL2810 Datasheet
2Mb / 12P
Low noise, High PSRR, High speed, CMOS LDO
WL2811EA WILLSEMI-WL2811EA Datasheet
4Mb / 13P
Low noise, High PSRR, High speed, CMOS LDO
WL2820X WILLSEMI-WL2820X Datasheet
3Mb / 14P
Low noise, High PSRR, High speed, CMOS LDO
WL2836D WILLSEMI-WL2836D Datasheet
3Mb / 14P
Low noise, High PSRR, High speed, CMOS LDO
WL2836E WILLSEMI-WL2836E Datasheet
4Mb / 15P
Low noise, High PSRR, High speed, CMOS LDO
logo
Shenzhen Huazhimei Semi...
HM1136 HMSEMI-HM1136 Datasheet
644Kb / 12P
Low Noise, High PSRR, High Speed, CMOS LDO
logo
ACE Technology Co., LTD...
ACE5023T ACE-ACE5023T Datasheet
190Kb / 3P
Low Noise, High PSRR, High Speed, CMOS LDO
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com