Electronic Components Datasheet Search
  English  ▼

X  

ACE1084 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE1084
Description  1A Bipolar Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1084 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE1084_17 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ACE1084
1A Bipolar Linear Regulator
VER 1.2
4
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reference Voltage
Vref
10mA≦Iout≦SA,1.5V≦Vin-Vout≦5V
1.225
1.25
1.275
V
Output Voltage
Vout
ACE1084-1.80V
lout=0mA,Vin=4.8V,Tj=25
OC
10mA≦Iout≦5A, 3.4V≦Vin≦7V
1.773
1.764
1.80
1.80
1.827
1.836
V
ACE1084-2.50V
lout=0mA,Vin=5.5V,Tj=25
OC
10mA≦Iout≦5A, 4.1V≦Vin≦7V
2.462
2.45
2.50
2.50
2.537
2.55
V
ACE1084-5.0V
lout=0mA,Vin=8.0V,Tj=25
OC
10mA≦Iout≦5A, 6.6V≦Vin≦10V
3.25
3.234
3.3
3.3
2.350
3.366
V
ACE1084-3.3V
lout=0mA,Vin=6.3V,Tj=25
OC
10mA≦Iout≦5A, 4.9V≦Vin≦8V
4.925
4.90
5.0
5.0
5.075
5.10
V
Line Regulation
△Vout
ACE1084-ADJ
Iout=10mA, 2.85V≦Vin≦10V
10
40
mV
ACE1084-1.8V
Iout=10mA, 3.4V≦Vin≦10V
10
40
ACE1084-2.5V
Iout=10mA, 4.1V≦Vin≦10V
10
40
ACE1084-3.3V
Iout=10mA, 4.9V≦Vin≦10V
10
40
ACE1084-5.0V
Iout=10mA, 6.6V≦Vin≦10V
10
40
Load Regulation
△Vout
ACE1084-ADJ
Vin-Vout=1.6v, 0≦Iout≦4A
16
50
mV
ACE1084-1.8V
Vin-Vout=1.6v, 0≦Iout≦4A
16
50
ACE1084-2.5V
Vin-Vout=1.6v, 0≦Iout≦4A
16
50
ACE1084-3.3V
Vin-Vout=1.6v, 0≦Iout≦4A
16
50
ACE1084-5.0V
Vin-Vout=1.6v, 0≦Iout≦4A
16
50
Quiescent Current
IQ
ACE1084-1.2V, Vin=10V
2
5
mA
ACE1084-1.8V, Vin=12V
2
5
ACE1084-2.5V, Vin=12V
2
5
ACE1084-3.3V, Vin=12V
2
5
ACE1084-5.0V, Vin=12V
2
5
ACE1084-12.0V, Vin=20V
2
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com