Electronic Components Datasheet Search
  English  ▼

X  

MNA-2 Datasheet(PDF) 4 Page - Mini-Circuits

Part # MNA-2
Description  Monolithic Amplifiers High Directivity, 50?? 0.5 to 5.9 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MNA-2 Datasheet(HTML) 4 Page - Mini-Circuits

  MNA-2 Datasheet HTML 1Page - Mini-Circuits MNA-2 Datasheet HTML 2Page - Mini-Circuits MNA-2 Datasheet HTML 3Page - Mini-Circuits MNA-2 Datasheet HTML 4Page - Mini-Circuits MNA-2 Datasheet HTML 5Page - Mini-Circuits MNA-2 Datasheet HTML 6Page - Mini-Circuits MNA-2 Datasheet HTML 7Page - Mini-Circuits MNA-2 Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
MNA-3 Performance Curves
MNA-3
GAIN
7.0
9.0
11.0
13.0
15.0
17.0
19.0
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
FREQUENCY (MHz)
2.8V
5V
MNA-3
DIRECTIVITY
10
15
20
25
30
35
40
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
FREQUENCY (MHz)
2.8V
5V
MNA-3
VSWR (IN)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
FREQUENCY (MHz)
2.8V
5V
MNA-3
VSWR(OUT)
0.0
0.5
1.0
1.5
2.0
2.5
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
FREQUENCY (MHz)
2.8V
5V
MNA-3
1 dB COMPRESSION
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
FREQUENCY(MHz)
2.8V
5V
Page 4 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com