Electronic Components Datasheet Search
  English  ▼

X  

MOS-1826PV Datasheet(PDF) 1 Page - Mini-Circuits

Part # MOS-1826PV
Description  Surface Mount, Miniature Voltage Controlled Oscillator Linear Tuning 1766 to 1826 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MOS-1826PV Datasheet(HTML) 1 Page - Mini-Circuits

  MOS-1826PV Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 CERTIFIED
®
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417 335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Voltage Controlled Oscillator
Outline Drawing
Electrical Specifications
REV. A
M78157
EDR-5265/2
MOS-1826PV
RVN/TD/CP
010829
Maximum Ratings
Operating Temperature
-55°C to 85°C
Storage Temperature
-55°C to 100°C
Absolute Max. Supply Voltage (Vcc)
+6V
Absolute Max. Tuning Voltage (Vtune)
+6V
All specifications: 50 ohm system
Linear Tuning
1766 to 1826 MHz
CASE STYLE: CZ682
inch
mm
Outline Dimensions (
)
Applications
• DCS/GSM
Qty.
(5-49)
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Min. Max.
TUNING
SENSI-
TIVITY
(MHz/V)
3 dB
MODULATION
BANDWIDTH
(kHz)
PRICE
$
HARMONICS*
(dBc)
PUSHING
(MHz/V)
PULLING
pk-pk
@ 12 dBr
(MHz)
PHASE NOISE
dBc/Hz SSB at offset
frequencies:
Typ.
POWER
OUTPUT
(dBm)
TUNING
VOLTAGE
FREQ.
(MHz)
Max.
Min. Max.
1766 1826
2
0.5
5
-75
-101
-122
-142
8
1.0
21-35
-28
-15
10,000
5
25
19.95
1 kHz 10 kHz 100 kHz
1 MHz
POWER SUPPLY
MOS-1826PV
Pin Connections
PORT
RF OUT
5
V-CC
3
V-TUNE
1
GND EXT.
all others
Surface Mount, Miniature
* specified to 4th harmonic
Voltage
(V)
Current
(mA)
Max.
Features
• small package, .375X.375 inch
• wide modulation bandwidth, 10,000 kHz typ.
A
B
CDE
F
G
HJ
.375
.375
.131
.188
.035
.033
.154
.040
.446
9.52
9.52
3.33
4.78
0.89
0.84
3.91
1.02
11.33
KL
M
N
PQ
R
wt.
.193
.060
.446
.039
.154
.060
.368
grams
4.90
1.52
11.33
0.99
3.91
1.52
9.35
.60
NEW!


Similar Part No. - MOS-1826PV

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MOS-1110Y-0101E ADVANTECH-MOS-1110Y-0101E Datasheet
333Kb / 2P
Isolated 16 DI / 8 DO, 1-Ch, DB37, PCIe I/F
MOS-1110Y-0101E ADVANTECH-MOS-1110Y-0101E Datasheet
1Mb / 4P
Intel 6th Generation Core i3/i5/i7 Modular Fanless Box PC
MOS-1110Y-0101E ADVANTECH-MOS-1110Y-0101E Datasheet
1Mb / 3P
Intel Celeron N3350 DC SoC With Dual LAN/ Four USB 3.0/M.2/TPM IoT Gateway Modular Fanless Box PC
MOS-1110Y-0101E ADVANTECH-MOS-1110Y-0101E Datasheet
1Mb / 3P
Intel® Celeron™ N3350 DC SoC With Four Serial Ports Modular Fanless Box PC
6-Jan-2021
MOS-1110Y-0101E ADVANTECH-MOS-1110Y-0101E Datasheet
1Mb / 3P
Intel® Atom™ E3940 QC SoC With Dual HDMI/ Dual LAN/ Four USB Modular Fanless Box PC
11-Jan-2021
More results

Similar Description - MOS-1826PV

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
UMV-1050-R16-G RFMD-UMV-1050-R16-G Datasheet
260Kb / 3P
ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
UMV-1250-R16-G RFMD-UMV-1250-R16-G Datasheet
261Kb / 3P
ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
UMV-1450-R16-G RFMD-UMV-1450-R16-G Datasheet
261Kb / 3P
ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
UMV-1650-R16-G RFMD-UMV-1650-R16-G Datasheet
260Kb / 3P
ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
UMV-2050-R16-G RFMD-UMV-2050-R16-G Datasheet
261Kb / 3P
ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
UMV-2250-R16-G RFMD-UMV-2250-R16-G Datasheet
261Kb / 3P
ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
UMV-2450-R16-G RFMD-UMV-2450-R16-G Datasheet
261Kb / 3P
ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
UMV-2850-R16-G RFMD-UMV-2850-R16-G Datasheet
261Kb / 3P
ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
UMV-3250-R16-G RFMD-UMV-3250-R16-G Datasheet
261Kb / 3P
ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
UMV-3950-R16-G RFMD-UMV-3950-R16-G Datasheet
261Kb / 3P
ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com