Electronic Components Datasheet Search
  English  ▼

X  

SW6N70D Datasheet(PDF) 4 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW6N70D
Description  N-channel Enhanced mode TO-220FMOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW6N70D Datasheet(HTML) 4 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW6N70D Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW6N70D Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW6N70D Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW6N70D Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW6N70D Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW6N70D Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
SW6N70D
Oct. 2015. Rev. 5.0
4/6
Fig. 7. Maximum safe operating area
Fig. 9. Transient thermal response curve
Fig. 8. Capacitance Characteristics
Fig. 10. Gate charge test circuit & waveform
VDS
Same type
as DUT
DUT
VGS
1mA
QG
QGS
QGD
VGS
Charge(nC)
10V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com