Electronic Components Datasheet Search
  English  ▼

X  

SW6N70DA Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW6N70DA
Description  N-channel Enhanced mode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW6N70DA Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW6N70DA Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW6N70DA Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW6N70DA Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW6N70DA Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW6N70DA Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW6N70DA Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW6N70DA Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd. SW6N70DA Datasheet HTML 8Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2016. Rev. 6.0
1/8
SW6N70DA
N-channel Enhanced mode TO-251S/TO-251U/TO-252/TO-220F
/TO-251/TO-251NX/TO-220 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO251S TO251U TO252 TO220F TO251 TO251NX TO220
V
DSS
Drain to source voltage
700
V
I
D
Continuous drain current (@T
C=25
oC)
6*
A
Continuous drain current (@T
C=100
oC)
3.8*
A
I
DM
Drain current pulsed
(note 1)
24
A
V
GS
Gate to source voltage
± 30
V
E
AS
Single pulsed avalanche energy (note 2)
216
mJ
E
AR
Repetitive avalanche energy
(note 1)
20
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
138.8
138.8
195.3
21.9
138.8
147
186.6
W
Derating factor above 25oC
1.11
1.11
1.56
0.18
1.11
1.18
1.49
W/oC
T
STG, TJ
Operating junction temperature & storage
temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO251S TO251U TO252 TO220F TO251 TO251NX TO220
R
thjc
Thermal resistance, Junction to case
0.9
0.9
0.64
5.7
0.9
0.85
0.67 oC/W
R
thja
Thermal resistance, Junction to ambient
80
80
46.9
80
100
59.2
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : 700V
I
D
: 6A
R
DS(ON) : 1.7Ω
1
2
3
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW SI 6N70DA
SW6N70DA
TO-251S
TUBE
2
SW UI 6N70DA
SW6N70DA
TO-251U
TUBE
3
SW D 6N70DA
SW6N70DA
TO-252
REEL
4
SW F 6N70DA
SW6N70DA
TO-220F
TUBE
5
SW I 6N70DA
SW6N70DA
TO-251
TUBE
6
SWNX 6N70DA
SW6N70DA
TO-251NX
TUBE
7
SW P 6N70DA
SW6N70DA
TO-220
TUBE
1. Gate 2. Drain 3. Source
TO251
TO251U
TO251S
1
2
3
TO252
Features
 High ruggedness
 Low R
DS(ON) (Typ 1.7Ω)@VGS=10V
 Low Gate Charge (Typ 26nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: TV-Power
,LED,
Charge
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
TO220F
TO220
1
2
3
1
2
3
1
2
3
1
2
3
1
2
3
1
2
3
TO251NX


Similar Part No. - SW6N70DA

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW6N70D SEMIPOWER-SW6N70D Datasheet
630Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW6N70DB SEMIPOWER-SW6N70DB Datasheet
751Kb / 6P
N-channel Enhanced mode TO-220F /TO-252/TO-251N MOSFET
More results

Similar Description - SW6N70DA

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW09R08V SEMIPOWER-SW09R08V Datasheet
877Kb / 6P
N-channel Enhanced mode DFN5횞 6MOSFET
SW10N70D SEMIPOWER-SW10N70D Datasheet
659Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
SW038R04VT SEMIPOWER-SW038R04VT Datasheet
568Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW2N65D SEMIPOWER-SW2N65D Datasheet
649Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW6N60K SEMIPOWER-SW6N60K Datasheet
618Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW20N70K SEMIPOWER-SW20N70K Datasheet
703Kb / 1P
N-channel Enhanced mode TO-220FMOSFET
SW6N70A SEMIPOWER-SW6N70A Datasheet
593Kb / 6P
N-channel Enhanced mode TO-251MOSFET
SW6N70D SEMIPOWER-SW6N70D Datasheet
630Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW8N65A1 SEMIPOWER-SW8N65A1 Datasheet
551Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW13N65D SEMIPOWER-SW13N65D Datasheet
824Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
Jan. 2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com