Electronic Components Datasheet Search
  English  ▼

X  

SW7N65D Datasheet(PDF) 7 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW7N65D
Description  N-channel Enhanced mode TO-220/TO-251/TO-251N/TO-252/TO-220F MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW7N65D Datasheet(HTML) 7 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW7N65D Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW7N65D Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW7N65D Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW7N65D Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW7N65D Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW7N65D Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW7N65D Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Jun. 2017. Rev. 5.0
7/7
SW7N65D
DISCLAIMER
* All the data & curve in this document was tested in XI’AN SEMIPOWER TESTING & APPLICATION CENTE
R.
* This product has passed the PCT,TC,HTRB,HTGB,HAST,PC and Solderdunk reliability testing.
* Qualification standards can also be found on the Web site (http://www.semipower.com.cn)
* Suggestions for improvement are appreciated, Please send your suggestions to samwin@samwinsemi.com
Fig. 18. Peak diode recovery dv/dt test circuit & waveform
V
DD
Same type
as DUT
V
DS
L
R
G
10V
GS
I
S
+
-
V
DS
DUT
*. dv/dt controlled by RG
*. Is controlled by pulse period
V
GS (DRIVER)
I
S (DUT)
V
DS (DUT)
Body diode forward voltage drop
V
F
Diode recovery dv/dt
I
RM
di/dt
10V
Diode reverse current
V
DD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com