Electronic Components Datasheet Search
  English  ▼

X  

SW7N65K2 Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW7N65K2
Description  N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW7N65K2 Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW7N65K2 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW7N65K2 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW7N65K2 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW7N65K2 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW7N65K2 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW7N65K2 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW7N65K2 Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Dec. 2016. Rev. 3.0
1/7
SW7N65K2
N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220F
TO-251
TO-252
V
DSS
Drain to source voltage
650
V
I
D
Continuous drain current (@T
C=25
oC)
7*
A
Continuous drain current (@T
C=100
oC)
4.4*
A
I
DM
Drain current pulsed
(note 1)
28
A
V
GS
Gate to source voltage
± 30
V
E
AS
Single pulsed avalanche energy
(note 2)
50
mJ
E
AR
Repetitive avalanche energy
(note 1)
3
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
20.5
113.6
125
W
Derating factor above 25oC
0.16
0.91
1
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-220F
TO-251
TO-252
R
thjc
Thermal resistance, Junction to case
6.1
1.1
1.0
oC/W
R
thja
Thermal resistance, Junction to ambient
49
89
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : 650V
I
D
: 7A
R
DS(ON) : 0.57Ω
1. Gate 2. Drain 3. Source
TO-220F
1
2
3
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW F 7N65K2
SW7N65K2
TO-220F
TUBE
2
SW I 7N65K2
SW7N65K2
TO-251
TUBE
3
SW D 7N65K2
SW7N65K2
TO-252
REEL
1
2
3
Features
 High ruggedness
 Low R
DS(ON) (Typ 0.57Ω)@VGS=10V
 Low Gate Charge (Typ 14.5nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: Charge,LED,
PC Power
General Description
This power MOSFET is produced with super junction advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
1
2
3
TO-251
TO-252
1
2
3


Similar Part No. - SW7N65K2

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW7N65K SEMIPOWER-SW7N65K Datasheet
991Kb / 7P
N-channel Enhanced mode TO-220F/TO-220SF/TO-251/ TO-252/TO-220 MOSFET
More results

Similar Description - SW7N65K2

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW13N65K2 SEMIPOWER-SW13N65K2 Datasheet
722Kb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
SW2N60DC SEMIPOWER-SW2N60DC Datasheet
598Kb / 6P
N-channel Enhanced mode TO-252/TO-251 MOSFET
SW4N70D SEMIPOWER-SW4N70D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220F MOSFET
SW4N70K SEMIPOWER-SW4N70K Datasheet
744Kb / 6P
N-channel Enhancement mode TO-220F/TO-251/TO-252 MOSFET
SW6N65K SEMIPOWER-SW6N65K Datasheet
1Mb / 8P
N-channel Enhanced mode TO-220F/TO-251/TO-252/TO-262 /TO-220SF MOSFET
SW7N65D SEMIPOWER-SW7N65D Datasheet
724Kb / 7P
N-channel Enhanced mode TO-220/TO-251/TO-251N/TO-252/TO-220F MOSFET
SW7N65K SEMIPOWER-SW7N65K Datasheet
991Kb / 7P
N-channel Enhanced mode TO-220F/TO-220SF/TO-251/ TO-252/TO-220 MOSFET
SW7N70K SEMIPOWER-SW7N70K Datasheet
944Kb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252/TO-220 MOSFET
SW8N65D SEMIPOWER-SW8N65D Datasheet
1Mb / 8P
N-channel Enhanced mode TO-220/TO-251/TO-252/TO-220F/TO-251NX MOSFET
SW8N65DB SEMIPOWER-SW8N65DB Datasheet
950Kb / 6P
N-channel Enhanced mode TO-251/TO-252 /TO-220F MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com