Electronic Components Datasheet Search
  English  ▼

X  

SW7N70K Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW7N70K
Description  N-channel Enhanced mode TO-220F/TO-251/TO-252/TO-220 MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW7N70K Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW7N70K Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW7N70K Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW7N70K Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW7N70K Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW7N70K Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW7N70K Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW7N70K Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
SW7N70K
Oct. 2015. Rev. 3.0
1/7
N-channel Enhanced mode TO-220F/TO-251/TO-252/TO-220 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220F TO-251 TO-252 TO-220
VDSS
Drain to source voltage
700
V
ID
Continuous drain current (@TC=25oC)
7*
A
Continuous drain current (@TC=100oC)
4.4*
A
IDM
Drain current pulsed
(note 1)
28
A
VGS
Gate to source voltage
±30
V
EAS
Single pulsed avalanche energy
(note 2)
120
mJ
EAR
Repetitive avalanche energy
(note 1)
9
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
PD
Total power dissipation (@TC=25oC)
24.5
147
156
133
W
Derating factor above 25oC
0.2
1.2
1.3
1.06
W/oC
TSTG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
TL
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-220F TO-251 TO-252 TO-220
Rthjc
Thermal resistance, Junction to case
5.10
0.85
0.80
0.94
oC/W
Rthja
Thermal resistance, Junction to ambient
49.40
80.00
55.7
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : 700V
I
D
: 7A
R
DS(ON)
: 0.81Ω
1
2
3
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW F 7N70K
SW7N70K
TO-220F
TUBE
2
SW I 7N70K
SW7N70K
TO-251
TUBE
3
SW D 7N70K
SW7N70K
TO-252
REEL
4
SW P 7N70K
SW7N70K
TO-220
TUBE
1. Gate 2. Drain 3. Source
1
2
3
TO-220F
TO-251
TO-252
1
1
2
2
3
3
TO-220
1
2
3
Features
 High ruggedness
 Low R
DS(ON) (Typ 0.81Ω)@VGS=10V
 Low Gate Charge (Typ 17nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: Charge,LED,
TV-Power
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.


Similar Part No. - SW7N70K

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW7N70D SEMIPOWER-SW7N70D Datasheet
761Kb / 7P
N-channel Enhanced mode TO-252/TO-251N/TO-262N MOSFET
More results

Similar Description - SW7N70K

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW13N65K2 SEMIPOWER-SW13N65K2 Datasheet
722Kb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
SW4N70D SEMIPOWER-SW4N70D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220F MOSFET
SW6N65K SEMIPOWER-SW6N65K Datasheet
1Mb / 8P
N-channel Enhanced mode TO-220F/TO-251/TO-252/TO-262 /TO-220SF MOSFET
SW7N65D SEMIPOWER-SW7N65D Datasheet
724Kb / 7P
N-channel Enhanced mode TO-220/TO-251/TO-251N/TO-252/TO-220F MOSFET
SW7N65K SEMIPOWER-SW7N65K Datasheet
991Kb / 7P
N-channel Enhanced mode TO-220F/TO-220SF/TO-251/ TO-252/TO-220 MOSFET
SW7N65K2 SEMIPOWER-SW7N65K2 Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
SW8N65D SEMIPOWER-SW8N65D Datasheet
1Mb / 8P
N-channel Enhanced mode TO-220/TO-251/TO-252/TO-220F/TO-251NX MOSFET
SW8N65DB SEMIPOWER-SW8N65DB Datasheet
950Kb / 6P
N-channel Enhanced mode TO-251/TO-252 /TO-220F MOSFET
SW9N50D SEMIPOWER-SW9N50D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-220/TO-252 MOSFET
SW70N10V SEMIPOWER-SW70N10V Datasheet
1,000Kb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com