Electronic Components Datasheet Search
  English  ▼

X  

SW7N80D Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW7N80D
Description  N-channel Enhanced mode TO-220F/TO-262 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW7N80D Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW7N80D Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW7N80D Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW7N80D Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW7N80D Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW7N80D Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW7N80D Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2016. Rev. 3.0
1/6
SW7N80D
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220F
TO-262
V
DSS
Drain to source voltage
800
V
I
D
Continuous drain current (@T
C=25
oC)
7*
A
Continuous drain current (@T
C=100
oC)
4.4*
A
I
DM
Drain current pulsed
(note 1)
28
A
V
GS
Gate to source voltage
± 30
V
E
AS
Single pulsed avalanche energy
(note 2)
326
mJ
E
AR
Repetitive avalanche energy
(note 1)
20
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
38
179
W
Derating factor above 25oC
0.3
1.4
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-220F
TO-262
R
thjc
Thermal resistance, Junction to case
3.3
0.7
oC/W
R
thja
Thermal resistance, Junction to ambient
47
62
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW F 7N80D
SW7N80D
TO-220F
TUBE
2
SW U 7N80D
SW7N80D
TO-262
TUBE
N-channel Enhanced mode TO-220F/TO-262 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 1.5Ω)@VGS=10V
 Low Gate Charge (Typ 39nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: LED , Charge, SMPS
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 800V
I
D
: 7A
R
DS(ON) : 1.5Ω
1
2
3
TO-220F
1
2
3
TO-262
1
2
3


Similar Part No. - SW7N80D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW7N60 ETC1-SW7N60 Datasheet
311Kb / 6P
N-Channel MOSFET
logo
Xian Semipower Electron...
SW7N60 SEMIPOWER-SW7N60 Datasheet
404Kb / 5P
N-channel Mosfet
SW7N60A SEMIPOWER-SW7N60A Datasheet
762Kb / 7P
N-channel MOSFET
SW7N60D SEMIPOWER-SW7N60D Datasheet
625Kb / 5P
N-channel TO-220F MOSFET
SW7N60H SEMIPOWER-SW7N60H Datasheet
550Kb / 5P
N-channel TO-220F MOSFET
More results

Similar Description - SW7N80D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N65D SEMIPOWER-SW10N65D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-220SF/TO-220/TO-262 MOSFET
SW10N70D SEMIPOWER-SW10N70D Datasheet
659Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
SW10N80D SEMIPOWER-SW10N80D Datasheet
868Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
SW11N65D SEMIPOWER-SW11N65D Datasheet
876Kb / 7P
N-channel Enhanced mode TO-220/TO-220F/TO-262 MOSFET
SW12N60D SEMIPOWER-SW12N60D Datasheet
631Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
SW12N70D SEMIPOWER-SW12N70D Datasheet
848Kb / 7P
N-channel Enhanced mode TO-220F/TO-262/TO-220SF/TO-220FT MOSFET
SW18N60D SEMIPOWER-SW18N60D Datasheet
651Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
SW6N65K SEMIPOWER-SW6N65K Datasheet
1Mb / 8P
N-channel Enhanced mode TO-220F/TO-251/TO-252/TO-262 /TO-220SF MOSFET
SW8N60D SEMIPOWER-SW8N60D Datasheet
843Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
SW8N65K SEMIPOWER-SW8N65K Datasheet
836Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com