Electronic Components Datasheet Search
  English  ▼

X  

SW8N65D Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW8N65D
Description  N-channel Enhanced mode TO-220/TO-251/TO-252/TO-220F/TO-251NX MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW8N65D Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW8N65D Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65D Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65D Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65D Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65D Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65D Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65D Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65D Datasheet HTML 8Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Jun. 2016. Rev. 2.0
1/8
SW8N65D
N-channel Enhanced mode TO-220/TO-251/TO-252/TO-220F/TO-251NX MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO220
TO251
TO252
TO220F TO251NX
V
DSS
Drain to source voltage
650
V
I
D
Continuous drain current (@T
C=25
oC)
8*
A
Continuous drain current (@T
C=100
oC)
5*
A
I
DM
Drain current pulsed
(note 1)
32
A
V
GS
Gate to source voltage
± 30
V
E
AS
Single pulsed avalanche energy
(note 2)
338
mJ
E
AR
Repetitive avalanche energy
(note 1)
16
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
208.3
173.6
173.6
27.8
183.8
W
Derating factor above 25oC
1.67
1.39
1.39
0.22
1.47
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO220
TO251
TO252
TO220F TO251NX
R
thjc
Thermal resistance, Junction to case
0.6
0.72
0.72
4.5
0.68
oC/W
R
thja
Thermal resistance, Junction to ambient
60
82
50
96
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : 650V
I
D
: 8A
R
DS(ON) : 1.1Ω
1
2
3
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW P 8N65D
SW8N65D
TO-220
TUBE
2
SW I 8N65D
SW8N65D
TO-251
TUBE
3
SW D 8N65D
SW8N65D
TO-252
REEL
4
SW F 8N65D
SW8N65D
TO-220F
TUBE
5
SW NX 8N65D
SW8N65D
TO-251NX
TUBE
1. Gate 2. Drain 3. Source
TO-220
TO-251 TO-252
1
2
3
TO-220F
Features
 High ruggedness
 Low R
DS(ON) (Typ 1.1Ω)@VGS=10V
 Low Gate Charge (Typ 32nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:Charge,LED,
PC Power
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
TO-251NX
1
2
3
1
2
3
1
2
3
1
2
3


Similar Part No. - SW8N65D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW8N65DB SEMIPOWER-SW8N65DB Datasheet
950Kb / 6P
N-channel Enhanced mode TO-251/TO-252 /TO-220F MOSFET
More results

Similar Description - SW8N65D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW13N65K2 SEMIPOWER-SW13N65K2 Datasheet
722Kb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
SW4N65DA SEMIPOWER-SW4N65DA Datasheet
735Kb / 6P
N-channel Enhanced mode TO-220F/TO-251N/TO-252/TO-251NX-S4 MOSFET
SW4N70D SEMIPOWER-SW4N70D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220F MOSFET
SW7N65D SEMIPOWER-SW7N65D Datasheet
724Kb / 7P
N-channel Enhanced mode TO-220/TO-251/TO-251N/TO-252/TO-220F MOSFET
SW7N65K SEMIPOWER-SW7N65K Datasheet
991Kb / 7P
N-channel Enhanced mode TO-220F/TO-220SF/TO-251/ TO-252/TO-220 MOSFET
SW7N65K2 SEMIPOWER-SW7N65K2 Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
SW7N70K SEMIPOWER-SW7N70K Datasheet
944Kb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252/TO-220 MOSFET
SW8N65DB SEMIPOWER-SW8N65DB Datasheet
950Kb / 6P
N-channel Enhanced mode TO-251/TO-252 /TO-220F MOSFET
SW9N50D SEMIPOWER-SW9N50D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-220/TO-252 MOSFET
SW70N10V SEMIPOWER-SW70N10V Datasheet
1,000Kb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com