Electronic Components Datasheet Search
  English  ▼

X  

SW8N65K Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW8N65K
Description  N-channel Enhanced mode TO-262 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW8N65K Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW8N65K Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65K Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65K Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65K Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65K Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65K Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Jan. 2015. Rev. 1.0
1/6
SW8N65K
N-channel Enhanced mode TO-262 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
650
V
I
D
Continuous drain current (@T
C=25
oC)
8*
A
Continuous drain current (@T
C=100
oC)
5*
A
I
DM
Drain current pulsed
(note 1)
32
A
V
GS
Gate to source voltage
± 30
V
E
AS
Single pulsed avalanche energy
(note 2)
150
mJ
E
AR
Repetitive avalanche energy
(note 1)
25
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
125
W
Derating factor above 25oC
1
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
1.0
oC/W
R
thja
Thermal resistance, Junction to ambient
66
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : 650V
I
D
: 8A
R
DS(ON) : 0.53Ω
1. Gate 2. Drain 3. Source
TO-262
1
2
3
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW U 8N65K
SW8N65K
TO-262
TUBE
1
2
3
Features
 High ruggedness
 Low R
DS(ON) (Typ 0.53Ω)@VGS=10V
 Low Gate Charge (Typ 20nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:LED,Charge,PC Power
General Description
This power MOSFET is produced with super junction advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.


Similar Part No. - SW8N65K

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW8N65A1 SEMIPOWER-SW8N65A1 Datasheet
551Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW8N65D SEMIPOWER-SW8N65D Datasheet
1Mb / 8P
N-channel Enhanced mode TO-220/TO-251/TO-252/TO-220F/TO-251NX MOSFET
SW8N65DB SEMIPOWER-SW8N65DB Datasheet
950Kb / 6P
N-channel Enhanced mode TO-251/TO-252 /TO-220F MOSFET
More results

Similar Description - SW8N65K

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW6N90 SEMIPOWER-SW6N90 Datasheet
402Kb / 5P
N-channel TO-262 MOSFET
SW10N65D SEMIPOWER-SW10N65D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-220SF/TO-220/TO-262 MOSFET
SW10N70D SEMIPOWER-SW10N70D Datasheet
659Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
SW11N65D SEMIPOWER-SW11N65D Datasheet
876Kb / 7P
N-channel Enhanced mode TO-220/TO-220F/TO-262 MOSFET
SW12N70D SEMIPOWER-SW12N70D Datasheet
848Kb / 7P
N-channel Enhanced mode TO-220F/TO-262/TO-220SF/TO-220FT MOSFET
SW038R04VT SEMIPOWER-SW038R04VT Datasheet
568Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW5N65K SEMIPOWER-SW5N65K Datasheet
836Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW6N65K SEMIPOWER-SW6N65K Datasheet
1Mb / 8P
N-channel Enhanced mode TO-220F/TO-251/TO-252/TO-262 /TO-220SF MOSFET
SW7N80D SEMIPOWER-SW7N80D Datasheet
643Kb / 6P
N-channel Enhanced mode TO-220F/TO-262 MOSFET
SW8N60D SEMIPOWER-SW8N60D Datasheet
843Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com