Electronic Components Datasheet Search
  English  ▼

X  

VLF-6000 Datasheet(PDF) 1 Page - Mini-Circuits

Part # VLF-6000
Description  Low Pass Filter DC to 6000 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

VLF-6000 Datasheet(HTML) 1 Page - Mini-Circuits

  VLF-6000 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low Pass Filter Electrical Specifications (TAMB=25°C)
VLF-6000
DC-6000
6800
8300
8500-12000
18000
20
1.3
7
MODEL
NO.
PASSBAND
(MHz)
fco, MHz
Nom.
(loss 3 dB)
Typ.
STOP BAND (MHz)
(loss, dB)
(loss < 1 dB)
Max.
VSWR (:1)
Stopband
Typ.
Passband
Typ.
NO. OF
SECTIONS
f 20
Min.
fr 20
Typ.
30
Typ.
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
schematic
schematic
schematic
schematic
schematic
typical frequency response
typical frequency response
typical frequency response
typical frequency response
typical frequency response
fR 20 dB
20dB
3dB
40dB
1dB
FREQUENCY
f 20
f co
RF IN
RF OUT
Outline Drawing
Maximum Ratings
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input
9*W max. at 25°C
DC Current Input to Output
0.5A max. at 25°C
Applications
• harmonic rejection
• transmitters/receivers
• lab use
• low cost
• small size
• 7 sections
• temperature stable
• patent pending
*Passband rating, derate linearly to 3W at 100°C ambient.
Outline Dimensions (
)
inch
mm
B
D
E
wt.
.410
1.43
.312
grams
10.41
36.32
7.92
10.0
VLF-6000
CASE STYLE: FF704
PRICE: $19.95 ea. QTY (10-24)
50.00
0.10
1.01
100.00
0.02
1.01
1000.00
0.10
1.03
3000.00
0.19
1.07
5000.00
0.57
1.37
6000.00
0.75
1.24
6800.00
2.80
3.31
8000.00
21.90
15.96
8720.00
44.10
17.22
10000.00
58.33
19.76
12000.00
30.77
15.26
13700.00
27.86
1.37
15000.00
27.44
8.72
18000.00
21.31
10.02
20000.00
26.23
7.44
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
DC to 6000 MHz
Low Pass Filter
Coaxial
REV. E
M94020
VLF-6000
EDR-6706
RVN/AD/CP
040907
NEW!
VLF-6000
INSERTION LOSS
0
10
20
30
40
50
60
70
0
2500
5000 7500 10000 12500 15000 17500 20000
FREQUENCY (MHz)
VLF-6000
VSWR
1
10
100
0
5000
10000
15000
20000
FREQUENCY (MHz)


Similar Part No. - VLF-6000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VLF-630 MINI-VLF-630 Datasheet
89Kb / 1P
Coaxial Low Pass Filter
VLF-6400 MINI-VLF-6400 Datasheet
214Kb / 1P
Low Pass Filter
VLF-6400+ MINI-VLF-6400+ Datasheet
214Kb / 1P
Low Pass Filter
VLF-6700 MINI-VLF-6700 Datasheet
89Kb / 1P
Low Pass Filter DC to 6700 MHz
More results

Similar Description - VLF-6000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LFCN-6000 ETC-LFCN-6000 Datasheet
141Kb / 1P
Low Pass Filter DC to 6000 MHz
logo
Mini-Circuits
HFCN-2100 MINI-HFCN-2100 Datasheet
117Kb / 1P
Ceramic High Pass Filter 2500 to 6000 MHz
VLF-80 MINI-VLF-80 Datasheet
90Kb / 1P
Low Pass Filter DC to 80 MHz
VLF-95 MINI-VLF-95 Datasheet
92Kb / 1P
Low Pass Filter DC to 95 MHz
VLF-225 MINI-VLF-225 Datasheet
89Kb / 1P
Low Pass Filter DC to 225 MHz
VLF-575 MINI-VLF-575 Datasheet
88Kb / 1P
Low Pass Filter DC to 575 MHz
VLF-800 MINI-VLF-800 Datasheet
89Kb / 1P
Low Pass Filter DC to 800 MHz
VLF-1525 MINI-VLF-1525 Datasheet
89Kb / 1P
Low Pass Filter DC to 1525 MHz
VLF-1700 MINI-VLF-1700 Datasheet
88Kb / 1P
Low Pass Filter DC to 1700 MHz
VLF-2750 MINI-VLF-2750 Datasheet
88Kb / 1P
Low Pass Filter DC to 2750 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com