Electronic Components Datasheet Search
  English  ▼

X  

INA231AIYFDT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFDT
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231AIYFDT Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA231AIYFDT Datasheet HTML 17Page - Texas Instruments INA231AIYFDT Datasheet HTML 18Page - Texas Instruments INA231AIYFDT Datasheet HTML 19Page - Texas Instruments INA231AIYFDT Datasheet HTML 20Page - Texas Instruments INA231AIYFDT Datasheet HTML 21Page - Texas Instruments INA231AIYFDT Datasheet HTML 22Page - Texas Instruments INA231AIYFDT Datasheet HTML 23Page - Texas Instruments INA231AIYFDT Datasheet HTML 24Page - Texas Instruments INA231AIYFDT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
21
INA231
www.ti.com
SBOS644A – FEBRUARY 2013 – REVISED JUNE 2017
Product Folder Links: INA231
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
8.5.5.2 High-Speed I2C Mode
When the bus is idle, both the SDA and SCL lines are pulled high by the pull-up devices. The master generates
a start condition followed by a valid serial byte containing High-Speed (HS) master code 00001XXX. This
transmission is made in fast (400 kHz) or standard (100 kHz) (F/S) mode at no more than 400 kHz. The INA231
does not acknowledge the HS master code, but does recognize it and switches its internal filters to support 2.5-
MHz operation.
The master then generates a repeated start condition (a repeated start condition has the same timing as the start
condition). After this repeated start condition, the protocol is the same as F/S mode except that transmission
speeds up to 2.5 MHz are allowed. Instead of using a stop condition, use repeated start conditions to secure the
bus in HS-mode. A stop condition ends the HS-mode and switches all the internal filters of the INA231 to support
the F/S mode. A bus timing diagram is shown in Figure 1.
8.5.6 SMBus Alert Response
The INA231 is designed to respond to the SMBus alert response address. The SMBus alert response provides a
quick fault identification for simple slave devices. When an alert occurs, the master can broadcast the alert
response slave address (0001 100) with the Read/Write bit set high. Following this alert response, any slave
devices that generated an alert identify themselves by acknowledging the alert response and sending their
respective address on the bus.
The alert response can activate several different slave devices simultaneously, similar to the I2C general call. If
more than one slave attempts to respond, bus arbitration rules apply. The losing device does not generate an
acknowledge and continues to hold the ALERT line low until the interrupt is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com