Electronic Components Datasheet Search
  English  ▼

X  

INA231AIYFFT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFFT
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231AIYFFT Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA231AIYFFT Datasheet HTML 23Page - Texas Instruments INA231AIYFFT Datasheet HTML 24Page - Texas Instruments INA231AIYFFT Datasheet HTML 25Page - Texas Instruments INA231AIYFFT Datasheet HTML 26Page - Texas Instruments INA231AIYFFT Datasheet HTML 27Page - Texas Instruments INA231AIYFFT Datasheet HTML 28Page - Texas Instruments INA231AIYFFT Datasheet HTML 29Page - Texas Instruments INA231AIYFFT Datasheet HTML 30Page - Texas Instruments INA231AIYFFT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
27
INA231
www.ti.com
SBOS644A – FEBRUARY 2013 – REVISED JUNE 2017
Product Folder Links: INA231
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
POL:
Power Overlimit
Bit 11
Setting this bit high configures the ALERT pin to be asserted when the power calculation exceeds the value in the
Alert Limit register.
CNVR:
Conversion Ready
Bit 10
Setting this bit high configures the ALERT pin to be asserted when the Conversion Ready Flag bit (CVRF, bit 3) is
asserted, indicating that the device is ready for the next conversion.
AFF:
Alert Function Flag
Bit 4
Although only one alert function at a time can be monitored at the ALERT pin, the Conversion Ready bit (CNVR, bit
10) can also be enabled to assert the ALERT pin. Reading the Alert Function Flag bit after an alert can help
determine if the alert function was the source of the alert.
When the Alert Latch Enable bit is set to Latch mode, the Alert Function Flag bit clears only when the Mask/Enable
register is read. When the Alert Latch Enable bit is set to Transparent mode, the Alert Function Flag bit is cleared
after the next conversion that does not result in an alert condition.
CVRF:
Conversion Ready Flag
Bit 3
Although the INA231 can be read at any time, and the data from the last conversion are available, this bit is
provided to help coordinate single-shot or triggered conversions. This bit is set after all conversions, averaging, and
multiplications are complete. This bit clears under the following conditions in single-shot mode:
1) Writing to the Configuration register (except for power-down or disable selections)
2.) Reading the Mask/Enable register
OVF:
Math Overflow Flag
Bit 2
This bit is set to 1 if an arithmetic operation results in an overflow error; it indicates that current and power data may
be invalid.
APOL:
Alert Polarity
Bit 1
Configures the latching feature of the ALERT pin and the flag bits.
1 = Inverted (active-high open collector)
0 = Normal (active-low open collector) (default)
LEN:
Alert Latch Enable
Bit 0
Configures the latching feature of the ALERT pin and flag bits.
1 = Latch enabled
0 = Transparent (default)
When the Alert Latch Enable bit is set to Transparent mode, the ALERT pin and flag bits reset to their idle states
when the fault has been cleared. When the Alert Latch Enable bit is set to Latch mode, the ALERT pin and flag bits
remain active following a fault until the Mask/Enable register has been read.
8.6.8 Alert Limit Register (07h, Read/Write)
The Alert Limit register contains the value used to compare to the register selected in the Mask/Enable register
to determine if a limit has been exceeded.
Table 15. Alert Limit Register (07h, Read/Write) Description
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
NAME
AUL15
AUL14
AUL13
AUL12
AUL11
AUL10
AUL9
AUL8
AUL7
AUL6
AUL5
AUL4
AUL3
AUL2
AUL1
AUL0
POR
VALUE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com