Electronic Components Datasheet Search
  English  ▼

X  

LM5176PWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM5176PWPR
Description  55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5176PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5176PWPR Datasheet HTML 2Page - Texas Instruments LM5176PWPR Datasheet HTML 3Page - Texas Instruments LM5176PWPR Datasheet HTML 4Page - Texas Instruments LM5176PWPR Datasheet HTML 5Page - Texas Instruments LM5176PWPR Datasheet HTML 6Page - Texas Instruments LM5176PWPR Datasheet HTML 7Page - Texas Instruments LM5176PWPR Datasheet HTML 8Page - Texas Instruments LM5176PWPR Datasheet HTML 9Page - Texas Instruments LM5176PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
LM5176
SNVSAI1 – JUNE 2017
www.ti.com
Product Folder Links: LM5176
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
LM5176
UNIT
PWP (HTSSOP)
28 PINS
RθJA
Junction-to-ambient thermal resistance
32.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
21.4
RθJB
Junction-to-board thermal resistance
8.2
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
8.3
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.0
(1)
All minimum and maximum limits are specified by correlating the electrical characteristics to process and temperature variations and
applying statistical process control.
7.5 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over the –40°C to 125°C junction temperature
range unless otherwise stated. VIN = 24 V unless otherwise stated.
(1)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN)
IQ
VIN shutdown current
VEN/UVLO = 0 V
2.6
10
µA
VIN operating current
VEN/UVLO = 2 V, VFB = 0.9 V
2
4
mA
VCC
VVCC(VIN)
Regulation voltage
VBIAS = 0 V, VCC open
6.95
7.35
7.88
V
VUV(VCC)
VCC Undervoltage lockout
VCC increasing
3.11
3.27
3.43
Undervoltage hysteresis
176
mV
IVCC
VCC current limit
VVCC = 0 V
65
mA
ROUT(VCC)
VCC regulator output impedance
IVCC = 30 mA, VIN = 4 V
8
16
Ω
BIAS
VBIAS(SW)
BIAS switchover voltage
VIN = 24 V
7.25
8
8.75
V
EN/UVLO
VEN(STBY)
Standby threshold
EN/UVLO rising
0.55
0.82
0.97
V
IEN(STBY)
Standby source current
VEN/UVLO = 1.1 V
1
2
3
µA
VEN(OP)
Operating threshold
EN/UVLO rising
1.17
1.22
1.29
V
ΔIHYS(OP)
Operating hysteresis current
VEN/UVLO = 1.5 V
2.15
3.15
4.25
µA
SS
ISS
Soft-start pull up current
VSS = 0 V
3.75
5
6.35
µA
VSS(CL)
SS clamp voltage
SS open
1.21
V
VFB - VSS
FB to SS offset
VSS = 0 V
-18
mV
EA (ERROR AMPLIFIER)
VREF
Feedback reference voltage
FB = COMP
0.788
0.800
0.812
V
gmEA
Error amplifier gm
1.31
mS
ISINK/ISOURCE
COMP sink/source current
VFB=VREF ± 300 mV
280
µA
ROUT
Amplifier output resistance
20
M
Ω
BW
Unity gain bandwidth
2
MHz
IBIAS(FB)
Feedback pin input bias current
FB in regulation
25
nA
FREQUENCY
fSW(1)
Switching Frequency 1
RT = 40 k
Ω
175
200
225
kHz
fSW(2)
Switching Frequency 2
RT = 20 k
Ω
350
390
430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com