Electronic Components Datasheet Search
  English  ▼

X  

OPA388ID Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA388ID
Description  Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA388ID Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA388ID Datasheet HTML 9Page - Texas Instruments OPA388ID Datasheet HTML 10Page - Texas Instruments OPA388ID Datasheet HTML 11Page - Texas Instruments OPA388ID Datasheet HTML 12Page - Texas Instruments OPA388ID Datasheet HTML 13Page - Texas Instruments OPA388ID Datasheet HTML 14Page - Texas Instruments OPA388ID Datasheet HTML 15Page - Texas Instruments OPA388ID Datasheet HTML 16Page - Texas Instruments OPA388ID Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Time (2.5 µs/div)
VOUT
VIN
C017
Time (500 ns/div)
VOUT
VIN
C017
Time (200 ns/div)
C017
V
OUT
V
IN
Time (2.5 µs/div)
VOUT
VIN
C017
Time (45 ms/div)
C017
V
OUT
V
IN
Time (200 ns/div)
C017
V
IN
V
OUT
13
OPA388, OPA2388, OPA4388
www.ti.com
SBOS777 – DECEMBER 2016
Product Folder Links: OPA388 OPA2388 OPA4388
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±2.5 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 25. No Phase Reversal
Figure 26. Positive Overload Recovery
Figure 27. Negative Overload Recovery
G = +1
Figure 28. Small-Signal Step Response (10-mV Step)
G = –1
Figure 29. Small-Signal Step Response (10-mV Step)
Falling output
Figure 30. Large-Signal Step Response (4-V Step)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com