Electronic Components Datasheet Search
  English  ▼

X  

OPA388IDBVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA388IDBVT
Description  Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA388IDBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA388IDBVT Datasheet HTML 17Page - Texas Instruments OPA388IDBVT Datasheet HTML 18Page - Texas Instruments OPA388IDBVT Datasheet HTML 19Page - Texas Instruments OPA388IDBVT Datasheet HTML 20Page - Texas Instruments OPA388IDBVT Datasheet HTML 21Page - Texas Instruments OPA388IDBVT Datasheet HTML 22Page - Texas Instruments OPA388IDBVT Datasheet HTML 23Page - Texas Instruments OPA388IDBVT Datasheet HTML 24Page - Texas Instruments OPA388IDBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
GND
R2
25 k
R3
25 k
RG
+
±
OPA388
GND
+5V
R4
100 k
REF5025
+5V
+
±
OPA388
GND
+5V
R2
10 k
GND
VOUT
R4
100 k
+5V
G = 5 +
NŸ
RG
+SENSE
-SENSE
Load Cell
OPA388
+
±
DAC8830
DGND
AGND
Serial Interface
RFB
INV
VOUT
VREF
VDD
Copyright © 2016, Texas Instruments Incorporated
21
OPA388, OPA2388, OPA4388
www.ti.com
SBOS777 – DECEMBER 2016
Product Folder Links: OPA388 OPA2388 OPA4388
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
System Examples (continued)
8.3.2 Precision, Low-Noise, DAC Buffer
The OPA388 can be used for a precision DAC buffer, as shown in Figure 44, in conjunction with the DAC8830.
The OPA388 provides an ultra-low drift, precision output buffer for the DAC. A wide range of DAC codes can be
used in the linear region because the OPA388 employs zero-crossover technology. A precise reference is
essential for maximum accuracy because the DAC8830 is a 16-bit converter.
Figure 44. Precision DAC Buffer
8.3.3 Load Cell Measurement
Figure 45 shows the OPA388 in a high-CMRR dual-op amp instrumentation amplifier with a trim resistor and 6-
wire load cell for precision measurement. Figure 46 illustrates the output voltage as a function of load cell
resistance change, along with the nonlinearity of the system.
Figure 45. Load Cell Measurement Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com