Electronic Components Datasheet Search
  English  ▼

X  

HT45F4MA Datasheet(PDF) 143 Page - Holtek Semiconductor Inc

Part # HT45F4MA
Description  Power Bank Flash MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4MA Datasheet(HTML) 143 Page - Holtek Semiconductor Inc

Back Button HT45F4MA Datasheet HTML 137Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 138Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 139Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 140Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 141Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 142Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 143Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 144Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 145Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 143 / 145 page
background image
Rev. 1.20
1�2
De�e��e� 1�� 201�
Rev. 1.20
1�3
De�e��e� 1�� 201�
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
16-pin NSOP (150mil) Outline Dimensions
$

'
&
=
)
*
+
,
-
.
/
0
+
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
—
0.23� BSC
—
B
—
0.15� BSC
—
C
0.012
—
0.020
C’
—
0.390 BSC
—
D
—
—
0.0�9
E
—
0.050 BSC
—
F
0.00�
—
0.010
G
0.01�
—
0.050
H
0.00�
—
0.010
α
0°
—
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
—
�.0 BSC
—
B
—
3.9 BSC
—
C
0.31
—
0.51
C’
—
9.9 BSC
—
D
—
—
1.75
E
—
1.27 BSC
—
F
0.10
—
0.25
G
0.�0
—
1.27
H
0.10
—
0.25
α
0°
—
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com