Electronic Components Datasheet Search
  English  ▼

X  

HT45F3230 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT45F3230
Description  IR Sensing/Motor Driving Flash MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3230 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT45F3230 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 148 page
background image
Rev. 1.00
52
January 13, 2017
Rev. 1.00
53
January 13, 2017
HT45F3230
IR Sensing/Motor Driving Flash MCU
HT45F3230
IR Sensing/Motor Driving Flash MCU
PxPU Register
Bit
7
6
5
4
3
2
1
0
Name
PxPU7
PxPU6
PxPU5
PxPU4
PxPU3
PxPU2
PxPU1
PxPU0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
PxPUn:I/OPortxPinpull-highfunctioncontrol
0:Disable
1:Enable
ThePxPUnbitisusedtocontrolthepinpull-highfunction.Herethe“x”canbeA,BorD.
However,theactualavailablebitsforeachI/OPortmaybedifferent.
Port A Wake-up
TheHALTinstructionforcesthemicrocontrollerintotheSLEEPorIDLEModewhichpreserves
power,afeaturethatisimportantforbatteryandotherlow-powerapplications.Variousmethods
existtowake-upthemicrocontroller,oneofwhichistochangethelogicconditionononeofthePort
Apinsfromhightolow.Thisfunctionisespeciallysuitableforapplicationsthatcanbewokenup
viaexternalswitches.EachpinonPortAcanbeselectedindividuallytohavethiswake-upfeature
usingthePAWUregister.
Notethatthewake-upfunctioncanbecontrolledbythewake-upcontrolregistersonlywhenthe
pin-sharedfunctionalpinisselectedasgeneralpurposeinput/outputandtheMCUentersthePower
downmode.
PAWU Register
Bit
7
6
5
4
3
2
1
0
Name
PAWU7
PAWU6
PAWU5
PAWU4
PAWU3
PAWU2
PAWU1
PAWU0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
PAWU7~PAWU0:PA7~PA0wake-upfunctioncontrol
0:Disable
1:Enable
I/O Port Control Registers
EachI/OporthasitsowncontrolregisterknownasPAC,PBCandPDC,tocontroltheinput/
outputconfiguration.Withthiscontrolregister,eachCMOSoutputorinputcanbereconfigured
dynamicallyundersoftwarecontrol.EachpinoftheI/Oportsisdirectlymappedtoabitinits
associatedportcontrolregister.FortheI/Opintofunctionasaninput,thecorrespondingbitofthe
controlregistermustbewrittenasa“1”.Thiswillthenallowthelogicstateoftheinputpintobe
directlyreadbyinstructions.Whenthecorrespondingbitofthecontrolregisteriswrittenasa“0”,
theI/OpinwillbesetupasaCMOSoutput.Ifthepiniscurrentlysetupasanoutput,instructions
canstillbeusedtoreadtheoutputregister.However,itshouldbenotedthattheprogramwillinfact
onlyreadthestatusoftheoutputdatalatchandnottheactuallogicstatusoftheoutputpin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com