Electronic Components Datasheet Search
  English  ▼

X  

HT45F3420 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F3420
Description  Personal Care Flash MCU
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3420 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F3420 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F3420 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F3420 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F3420 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F3420 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F3420 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F3420 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F3420 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F3420 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 141 page
background image
Rev. 1.31
12
April 11, 2017
Rev. 1.31
13
April 11, 2017
HT45F3420/HT45F3430
Personal Care Flash MCU
HT45F3420/HT45F3430
Personal Care Flash MCU
Absolute Maximum Ratings
SupplyVoltage................................................................................................VSS−0.3VtoVSS+6.0V
InputVoltage..................................................................................................VSS−0.3VtoVDD+0.3V
StorageTemperature....................................................................................................-50˚Cto125˚C
OperatingTemperature..................................................................................................-40˚Cto85˚C
IOLTotal..................................................................................................................................... 80mA
IOHTotal....................................................................................................................................-80mA
TotalPowerDissipation......................................................................................................... 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"AbsoluteMaximum
Ratings"maycausesubstantialdamagetothesedevices.Functionaloperationofthesedevicesat
otherconditionsbeyondthoselistedinthespecificationisnotimpliedandprolongedexposureto
extremeconditionsmayaffectdevicesreliability.
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage (HIRC)
─
fSYS=fHIRC=8MHz
VLVR
─
5.5
V
─
fSYS=fHIRC/2=4MHz
VLVR
─
5.5
V
─
fSYS=fHIRC/4=2MHz
VLVR
─
5.5
V
─
fSYS=fHIRC/8=1MHz
VLVR
─
5.5
V
IDD
Operating Current (HIRC)
3V No load, all peripherals off,
fSYS=fHIRC/2=4MHz
─
0.4
0.6
mA
5V
─
0.8
1.2
mA
3V No load, all peripherals off,
fSYS=fHIRC=8MHz
─
0.8
1.2
mA
5V
─
1.6
2.4
mA
Operating Current (LIRC)
3V No load, all peripherals off,
fSYS=fLIRC=32kHz
─
10
20
μA
5V
─
30
50
μA
ISTB
Standby Current (SLEEP mode)
3V No load, all peripherals off,
WDT on
─
1.5
3
μA
5V
─
3
5
μA
Standby Current (IDLE0 mode)
3V No load, all peripherals off,
fSUB on
─
3
5
μA
5V
─
5
10
μA
Standby Current
(IDLE1 mode, HIRC)
3V No load, all peripherals off,
fSUB on, fSYS=fHIRC /2=4MHz
─
180
250
μA
5V
─
400
600
μA
3V No load, all peripherals off,
fSUB on, fSYS=fHIRC=8MHz
─
360
500
μA
5V
─
600
800
μA
VIL
Input Low Voltage for I/O Ports or
Input Pins
5V
─
0
─
1.5
V
─
─
0
─
0.2VDD
V
VIH
Input High Voltage for I/O Ports or
Input Pins
5V
─
3.5
─
5.0
V
─
─
0.8VDD
─
VDD
V
IOL
I/O Port Sink Current except
PA5,PA6
3V
VOL=0.1VDD
18
36
─
mA
5V
33
66
─
mA
PA5,PA6 Port Sink Current
3V
VOL=0.1VDD
16
32
─
mA
5V
40
80
─
mA
I/O Port Sink Current except
PC4, PC5
3V
VOL=0.1VDD
16
32
─
mA
5V
32
64
─
mA
PC4, PC5 Port Sink Current
3V
VOL=0.1VDD
16
32
─
mA
5V
40
80
─
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com