Electronic Components Datasheet Search
  English  ▼

X  

HT45F3820 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT45F3820
Description  Ultrasonic Atomizer Flash MCU
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3820 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT45F3820 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F3820 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F3820 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F3820 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F3820 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F3820 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F3820 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F3820 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F3820 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 121 page
background image
Rev. 1.11
38
April 11, 2017
Rev. 1.11
39
April 11, 2017
HT45F3820
Ultrasonic Atomizer Flash MCU
HT45F3820
Ultrasonic Atomizer Flash MCU
SLOW Mode to NORMAL Mode Switching
InSLOWModethesystemusesLIRClowspeedsystemoscillator.ToswitchbacktotheNORMAL
Mode,wherethehighspeedsystemoscillatorisused,theHLCLKbitshouldbesetto"1"or
HLCLKbitis"0",butCKS2~CKS0issetto"010","011","100","101","110"or"111".Asacertain
amountoftimewillberequiredforthehighfrequencyclocktostabilise,thestatusoftheHTObit
ischecked.Theamountoftimerequiredforhighspeedsystemoscillatorstabilizationdependsupon
whichhighspeedsystemoscillatortypeisused.
NORMAL Mode
SLOW Mode
CKS2~CKS0 ≠ 000B or 001B
as HLCLK = 0 or HLCLK = 1
SLEEP0 Mode
IDLEN=0
HALT instruction is executed
SLEEP1 Mode
IDLE0 Mode
IDLE1 Mode
WDT and LVD are all off
IDLEN=0
HALT instruction is executed
WDT or LVD is on
IDLEN=1, FSYSON=0
HALT instruction is executed
IDLEN=1, FSYSON=1
HALT instruction is executed
Entering the SLEEP0 Mode
ThereisonlyonewayforthedevicetoentertheSLEEP0Modeandthatistoexecutethe"HALT"
instructionintheapplicationprogramwiththeIDLENbitinSMODregisterequalto"0"andthe
WDTandLVDarebothoff.Whenthisinstructionisexecutedundertheconditionsdescribedabove,
thefollowingwilloccur:
• ThesystemclockandthefSUBclockwillbestoppedandtheapplicationprogramwillstopatthe
"HALT"instruction.
• TheDataMemorycontentsandregisterswillmaintaintheirpresentcondition.
• TheWDTwillbeclearedandstopped.
• TheI/Oportswillmaintaintheirpresentconditions.
• Inthestatusregister,thePowerDownflag,PDF,willbesetandtheWatchdogtime-outflag,TO,
willbecleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com