Electronic Components Datasheet Search
  English  ▼

X  

HT45FM30 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT45FM30
Description  Brushless DC Motor Flash MCU
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM30 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT45FM30 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45FM30 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45FM30 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45FM30 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45FM30 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45FM30 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45FM30 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45FM30 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45FM30 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 188 page
background image
Rev. 1.20
14
De�e��e� 1�� 201�
Rev. 1.20
15
De�e��e� 1�� 201�
HT45FM30
Brushless DC Motor Flash MCU
A.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Condition
fSYS
Syste� �lo�k(HIRC)
5V
Ta=-40°C to 85°C
-2%
1�
+2%
MHz
fTCK
Ti�e� I/P F�equen�y(TCKn)
—
—
—
—
1
MHz
tSST
Syste� sta�t-up ti�e� pe�iod
(wake-up f�o� HALT)
—
fSYS=HIRC OSC
—
15~1�
—
tSYS
fSYS=LIRC OSC
—
1~2
—
tINT
Inte��upt pulse width
—
—
1
—
—
μs
tLVR
Low Voltage Width to Reset
—
—
�0
120
240
μs
tLVD
Low Voltage Width to Inte��upt
—
—
20
�0
120
μs
tLVDS
LVDO sta�le ti�e
—
—
15
—
—
μs
tBGS
VBG tu�n on sta�le ti�e
—
—
10
—
—
�s
tEERD
EEPROM Read Ti�e
—
—
1
2
4
tSYS
tEEWR
EEPROM W�ite Ti�e
—
—
1
2
4
�s
Note:tSYS=1/fSYS
Power-on Reset Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD Conditions
VPOR
VDD Sta�t Voltage to Ensu�e Powe�-on Reset
—
—
—
—
100
�V
RRVDD
VDD Raising Rate to Ensu�e Powe�-on Reset
—
—
0.035
—
—
V/�s
tPOR
Mini�u� Ti�e fo� VDD Stays at VPOR to
Ensu�e Powe�-on Reset
—
—
1
—
—
�s
Ti me
V DD
V PO R
RR VD D
t PO R
ADC Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VAD
A/D Input Voltage
—
—
0
—
VDD/VREF
V
VREF
ADC input �efe�en�e voltage �ange
—
—
2
—
VDD+0.1
V
DNL
Diffe�ential non-linea�ity
5V
—
—
±1
±2
LSB
INL
Integ�al non-linea�ity
5V
—
—
±2
±4
LSB
IADC
Only ADC Ena�le� Othe�s Disa�le
5V
No load
—
0.8
1.2
�A
tAD
A/D Clo�k Pe�iod
—
—
0.125
—
10
μs
tADC
AD Conve�sion Ti�e
—
10 �it ADC
—
12
—
tAD
tON2ST
ADC on to ADC sta�t
—
—
2
—
—
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com