Electronic Components Datasheet Search
  English  ▼

X  

HT66F002 Datasheet(PDF) 85 Page - Holtek Semiconductor Inc

Part # HT66F002
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F002 Datasheet(HTML) 85 Page - Holtek Semiconductor Inc

Back Button HT66F002 Datasheet HTML 81Page - Holtek Semiconductor Inc HT66F002 Datasheet HTML 82Page - Holtek Semiconductor Inc HT66F002 Datasheet HTML 83Page - Holtek Semiconductor Inc HT66F002 Datasheet HTML 84Page - Holtek Semiconductor Inc HT66F002 Datasheet HTML 85Page - Holtek Semiconductor Inc HT66F002 Datasheet HTML 86Page - Holtek Semiconductor Inc HT66F002 Datasheet HTML 87Page - Holtek Semiconductor Inc HT66F002 Datasheet HTML 88Page - Holtek Semiconductor Inc HT66F002 Datasheet HTML 89Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 144 page
background image
Rev. 1.71
84
April 11, 2017
Rev. 1.71
85
April 11, 2017
HT66F002/HT66F0025/HT66F003/HT66F004
Cost-Effective A/D Flash MCU with EEPROM
HT66F002/HT66F0025/HT66F003/HT66F004
Cost-Effective A/D Flash MCU with EEPROM
Bit3
PTnON:PTMCounterOn/OffControl
0:Off
1:On
Thisbitcontrolstheoverallon/offfunctionoftheTM.Settingthebithighenablesthecounterto
run,clearingthebitdisablestheTM.Clearingthisbittozerowillstopthecounterfromcounting
andturnofftheTMwhichwillreduceitspowerconsumption.Whenthebitchangesstatefrom
lowtohightheinternalcountervaluewillberesettozero,howeverwhenthebitchangesfrom
hightolow,theinternalcounterwillretainitsresidualvalueuntilthebitreturnshighagain.
IftheTMisintheCompareMatchOutputModethentheTMoutputpinwillberesettoitsinitial
condition,asspecifiedbytheTMOutputcontrolbit,whenthebitchangesfromlowtohigh.
Bit2~0
Unimplemented,readas“0”
PTMnC1 Register
Bit
7
6
5
4
3
2
1
0
Name
PTnM1
PTnM0
PTnIO1
PTnIO0
PTnOC
PTnPOL PTnCKS PTnCCLR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
PTnM1~ PTnM0:SelectPTMOperationMode
00:CompareMatchOutputMode
01:CaptureInputMode
10:PWMModeorSinglePulseOutputMode
11:Timer/CounterMode
ThesebitssetuptherequiredoperatingmodefortheTM.ToensurereliableoperationtheTM
shouldbeswitchedoffbeforeanychangesaremadetothePTnM1andPTnM0bits.IntheTimer/
CounterMode,thePTMoutputpinstateisundefined.
Bit5~4
PTnIO1~ PTnIO0:SelectPTMoutputfunction
CompareMatchOutputMode
00:Nochange
01:Outputlow
10:Outputhigh
11:Toggleoutput
PWMMode/SinglePulseOutputMode
00:PWMOutputinactivestate
01:PWMOutputactivestate
10:PWMoutput
11:Singlepulseoutput
CaptureInputMode
00:InputcaptureatrisingedgeofPTPnI
01:InputcaptureatfallingedgeofPTPnI
10:Inputcaptureatfalling/risingedgeofPTPnI
11:Inputcapturedisabled
Timer/counterMode
Unused
ThesetwobitsareusedtodeterminehowtheTMoutputpinchangesstatewhenacertain
conditionisreached.ThefunctionthatthesebitsselectdependsuponinwhichmodetheTMis
running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com