| Electronic Components Datasheet Search |
|
HT66F008 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F008 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc |
|
4 / 131 page ![]() Rev. 1.41 4 April 11, 2017 Rev. 1.41 5 April 11, 2017 HT66F007/HT66F008 Cost-Effective A/D Flash MCU with EEPROM HT66F007/HT66F008 Cost-Effective A/D Flash MCU with EEPROM TM Input/Output Pin Control Register................................................................................... 61 Programming Considerations................................................................................................ 63 Compact Type TM – CTM .............................................................................. 64 Compact TM Operation......................................................................................................... 64 Compact Type TM Register Description................................................................................ 65 Compact Type TM Operating Modes .................................................................................... 70 Standard Type TM – STM .............................................................................. 76 Standard TM Operation......................................................................................................... 76 Standard Type TM Register Description ............................................................................... 77 Standard Type TM Operating Modes .................................................................................... 81 Analog to Digital Converter .......................................................................... 91 A/D Overview ........................................................................................................................ 91 A/D Converter Register Description...................................................................................... 91 A/D Converter Data Registers – ADRL, ADRH ..................................................................... 92 A/D Converter Control Registers – ADCR0, ADCR1, ACER................................................. 92 A/D Operation ....................................................................................................................... 95 A/D Input Pins ....................................................................................................................... 96 Summary of A/D Conversion Steps....................................................................................... 97 Programming Considerations................................................................................................ 98 A/D Transfer Function ........................................................................................................... 98 A/D Programming Examples................................................................................................. 99 Comparator .................................................................................................. 101 Comparator Operation ........................................................................................................ 101 Comparator Interrupt........................................................................................................... 102 Programming Considerations.............................................................................................. 102 Interrupts...................................................................................................... 103 Interrupt Registers............................................................................................................... 103 Interrupt Operation.............................................................................................................. 107 External Interrupt................................................................................................................. 109 Comparator Interrupt........................................................................................................... 109 Multi-function Interrupt ........................................................................................................ 109 A/D Converter Interrupt........................................................................................................110 Time Base Interrupts............................................................................................................110 EEPROM Interrupt ...............................................................................................................112 TM Interrupts........................................................................................................................112 Interrupt Wake-up Function..................................................................................................112 Programming Considerations...............................................................................................113 Configuration Options..................................................................................114 Application Circuits......................................................................................114 Instruction Set...............................................................................................115 Instruction.............................................................................................................................115 Instruction Timing.................................................................................................................115 Moving and Transferring Data..............................................................................................115 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |