Electronic Components Datasheet Search
  English  ▼

X  

VLFX-950 Datasheet(PDF) 1 Page - Mini-Circuits

Part # VLFX-950
Description  Low Pass Filter DC to 950 MHz (40 dB Isolation up to 20 GHz)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

VLFX-950 Datasheet(HTML) 1 Page - Mini-Circuits

  VLFX-950 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low Pass Filter Electrical Specifications @ 25°C
Maximum Ratings
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input*
10W max. at 25°C
Applications
• harmonic rejection
• transmitters/receivers
• lab use
• test instrumentation
• very good isolation, 40 dB up to 20 GHz
• 21 sections
• temperature stable LTCC internal structure
• patent pending
• re-entry frequency > 20 GHz
• rugged stainless steel unibody
CASE STYLE: FF1118
PRICE: $ 39.95 ea. QTY (1-9)
Typical Performance Data @ 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Functional Schematic
RF IN
RF OUT
*Passband rating, derate linearly to 3.5W at 100°C ambient.
Outline Dimensions (
)
inch
mm
B
D
E
wt.
.39
2.67
.312
grams
9.91
67.82
7.92
17.0
MODEL
NO.
PASSBAND
(MHz)
(Loss < 1.2dB)
Max.
fco, MHz
Nom
(Loss 3 dB)
Typ
STOPBAND (MHz)
(Loss, dB)
VSWR (:1)
NO. OF
SECTIONS
f20
Min.
f40
Typ.
Stopband
Typ.
Passband
Typ.
VLFX-950
DC-950
1400
1750
2250-20000
10
1.3
21
Outline Drawing
Typical Frequency Response
FREQUENCY
>20 GHz
fco
f20
f40
40 dB
20 dB
3 dB
1 dB
50
0.27
1.03
300
0.42
1.17
600
0.60
1.11
950
1.02
1.34
1100
1.21
1.34
1275
1.67
1.23
1450
3.42
2.43
1550
5.78
3.72
1650
12.61
7.15
1725
21.51
9.72
2000
35.30
15.44
4000
82.32
58.20
6000
79.95
39.93
8000
76.22
51.88
10000
81.90
49.29
12000
63.46
10.03
14000
58.41
4.32
16000
76.13
14.24
18000
63.01
13.40
20000
53.82
18.85
INTERNET
http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits®
Mini-Circuits ISO 9001 & ISO 14001 Certified
DC to 950 MHz (40 dB Isolation up to 20 GHz)
Low Pass Filter
Coaxial
REV. OR
M96318
VLFX-950
EDU-0399
ED-11930A/13
URJ/RS/CP
050119
NEW!
VLFX-950
VLFX-950
INSERTION LOSS
0
10
20
30
40
50
60
70
80
90
0
4000
8000
12000
16000
20000
FREQUENCY (MHz)
VLFX-950
VSWR
1
10
100
0
4000
8000
12000
16000
20000
FREQUENCY (MHz)


Similar Part No. - VLFX-950

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VLFX-105 MINI-VLFX-105 Datasheet
111Kb / 1P
Low Pass Filter DC to 105 MHz (40 dB Isolation up to 20 GHz)
VLFX-1050 MINI-VLFX-1050 Datasheet
111Kb / 1P
Low Pass Filter DC to 1050 MHz (40 dB Isolation up to 20 GHz)
VLFX-1100 MINI-VLFX-1100 Datasheet
114Kb / 1P
Low Pass Filter DC to 1100 MHz (40 dB Isolation up to 20 GHz)
VLFX-1125 MINI-VLFX-1125 Datasheet
111Kb / 1P
Low Pass Filter DC to 1125 MHz (40 dB Isolation up to 20 GHz)
VLFX-1300 MINI-VLFX-1300 Datasheet
113Kb / 1P
Low Pass Filter DC to 1300 MHz (40 dB Isolation up to 20 GHz)
More results

Similar Description - VLFX-950

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VLFX-80 MINI-VLFX-80 Datasheet
115Kb / 1P
Low Pass Filter DC to 80 MHz (40 dB Isolation up to 20 GHz)
VLFX-300 MINI-VLFX-300 Datasheet
113Kb / 1P
Low Pass Filter DC to 300 MHz (40 dB Isolation up to 20 GHz)
VLFX-400 MINI-VLFX-400 Datasheet
112Kb / 1P
Low Pass Filter DC to 400 MHz (40 dB Isolation up to 20 GHz)
VLFX-500 MINI-VLFX-500 Datasheet
113Kb / 1P
Low Pass Filter DC to 500 MHz (40 dB Isolation up to 20 GHz)
VLFX-540 MINI-VLFX-540 Datasheet
113Kb / 1P
Low Pass Filter DC to 540 MHz (40 dB Isolation up to 20 GHz)
VLFX-780 MINI-VLFX-780 Datasheet
113Kb / 1P
Low Pass Filter DC to 780 MHz (40 dB Isolation up to 20 GHz)
VLFX-825 MINI-VLFX-825 Datasheet
112Kb / 1P
Low Pass Filter DC to 825 MHz (40 dB Isolation up to 20 GHz)
VLFX-1125 MINI-VLFX-1125 Datasheet
111Kb / 1P
Low Pass Filter DC to 1125 MHz (40 dB Isolation up to 20 GHz)
VLFX-1300 MINI-VLFX-1300 Datasheet
113Kb / 1P
Low Pass Filter DC to 1300 MHz (40 dB Isolation up to 20 GHz)
VLFX-1350 MINI-VLFX-1350 Datasheet
113Kb / 1P
Low Pass Filter DC to 1350 MHz (40 dB Isolation up to 20 GHz)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com