Electronic Components Datasheet Search
  English  ▼

X  

HT45F3630 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F3630
Description  Power Tool Controller 8-Bit Flash MCU
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3630 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F3630 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F3630 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F3630 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F3630 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F3630 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F3630 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F3630 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F3630 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F3630 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 137 page
background image
Rev. 1.00
1�
�a��� 0�� �01�
Rev. 1.00
1�
�a��� 0�� �01�
HT45F3630
Power Tool Controller 8-Bit Flash MCU
HT45F3630
Power Tool Controller 8-Bit Flash MCU
LVD/LVR Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VLVR
Low Voltage Reset Voltage
— LVR enable� voltage sele�t �.1V
-5% �.1 +5%
V
— LVR enable� voltage sele�t �.55V
-5% �.55 +5%
— LVR enable� voltage sele�t �.15V
-5% �.15 +5%
— LVR enable� voltage sele�t �.8V
-5% �.8 +5%
VLVD
Low Voltage Dete�tion Voltage
— LVD enable� voltage sele�t �.0V
-5% �.0 +5%
V
— LVD enable� voltage sele�t �.�V
-5% �.� +5%
— LVD enable� voltage sele�t �.4V
-5% �.4 +5%
— LVD enable� voltage sele�t �.7V
-5% �.7 +5%
— LVD enable� voltage sele�t �.0V
-5% �.0 +5%
— LVD enable� voltage sele�t �.�V
-5% �.� +5%
— LVD enable� voltage sele�t �.�V
-5% �.� +5%
— LVD enable� voltage sele�t 4.0V
-5% 4.0 +5%
ILVRLVDBG Ope�ating Cu��ent
�V LVD enable� LVR enable� VBGEN=0
—
—
15
μA
5V LVD enable� LVR enable� VBGEN=0
—
�0
�5
μA
�V LVD enable� LVR enable� VBGEN=1
—
—
150 μA
5V LVD enable� LVR enable� VBGEN=1
— 180 �00 μA
tLVDS
LVDO Stable Time
— Fo� LVR enable� VBGEN=0�
LVD off → on
—
—
15
μs
— Fo� LVR disable� VBGEN=0�
LVD off → on
—
—
150
μs
ILVR
Additional Cu��ent fo� LVR Enable
— LVD disable� VBGEN=0
—
— TBD μA
ILVD
Additional Cu��ent fo� LVD Enable
— LVR disable� VBGEN=0
—
— TBD μA
Reference Voltage Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VBG
Bandgap Refe�en�e Voltage
—
—
-5%
1.04
+5%
V
tBGS
VBG Tu�n On Stable Time
— No load
—
—
150
μs
IBG
Additional Cu��ent fo� Bandgap
Refe�en�e Enable
— LVR disable� LVD disable
—
—
TBD
μA
Note:TheVBGvoltageisusedastheA/Dconverterinternalsignalinput.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com