Electronic Components Datasheet Search
  English  ▼

X  

HT66F318 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT66F318
Description  Enhanced A/D MCU with LCD Driver
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F318 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT66F318 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66F318 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66F318 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66F318 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66F318 Datasheet HTML 21Page - Holtek Semiconductor Inc HT66F318 Datasheet HTML 22Page - Holtek Semiconductor Inc HT66F318 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66F318 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66F318 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 198 page
background image
Rev. 1.20
20
De�e��e� 1�� 201�
Rev. 1.20
21
De�e��e� 1�� 201�
HT66F317/HT66F318
Enhanced A/D MCU with LCD Driver
HT66F317/HT66F318
Enhanced A/D MCU with LCD Driver
Comparator Electrical Characteristics – HT66F318
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VCMP
Co�pa�ato� Ope�ating Voltage
─
─
1.8
─
5.5
V
ICMP
Co�pa�ato� Ope�ating Cu��ent
�V
─
─
�7
5�
μA
5V
─
─
1�0
200
μA
VCMPOS
Co�pa�ato� Input Offset Voltage
─
─
-10
─
+10
�V
VHYS
Hyste�esis Width
─
─
20
40
�0
�V
VCM
Co�pa�ato� Co��on Mode
Voltage Range
─
VDD>2.0V
VSS+0.2
─
VDD-1.4
V
─
VDD=1.8V~2.0V
VSS+0.2
─
VDD-1.0
V
AOL
Co�pa�ato� Open Loop Gain
─
─
�0
80
─
dB
tPD
Co�pa�ato� Response Ti�e
─
With 100�V ove�d�ive(Note)
─
�70
5�0
ns
Note:MeasuredwithcomparatoroneinputpinatVCM=(VDD-1.4)/2whiletheotherpininputtransitionfromVSSto
(VCM+100mV)orfromVDDto(VCM-100mV).
Power-on Reset Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD Sta�t Voltage to Ensu�e Powe�-on Reset
—
—
—
—
100
�V
RRVDD
VDD Raising Rate to Ensu�e Powe�-on Reset
—
—
0.0�5
—
—
V/�s
tPOR
Mini�u� Ti�e fo� VDD Stays at VPOR to
Ensu�e Powe�-on Reset
—
—
1
—
—
�s
VDD
tPOR
RRVDD
VPOR
Ti�e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com