Electronic Components Datasheet Search
  English  ▼

X  

SFS60-HMAT2K02 Datasheet(PDF) 2 Page - SICK AG

Part # SFS60-HMAT2K02
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

SFS60-HMAT2K02 Datasheet(HTML) 2 Page - SICK AG

  SFS60-HMAT2K02 Datasheet HTML 1Page - SICK AG SFS60-HMAT2K02 Datasheet HTML 2Page - SICK AG SFS60-HMAT2K02 Datasheet HTML 3Page - SICK AG SFS60-HMAT2K02 Datasheet HTML 4Page - SICK AG SFS60-HMAT2K02 Datasheet HTML 5Page - SICK AG SFS60-HMAT2K02 Datasheet HTML 6Page - SICK AG SFS60-HMAT2K02 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
SFS60-HMAT2K02 | SFS/SFM60
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE®
Illustration may differ
Ordering information
Type
Part no.
SFS60-HMAT2K02
On request
Other models and accessories
www.sick.com/SFS_SFM60
Detailed technical data
Performance
Number of sine/cosine periods per revolu-
tion
1,024
Number of the absolute ascertainable revo-
lutions
1
Total number of steps
32,768
Measuring step
0.3 Winkelsekunden For interpolation of the sine/cosine signals with, e. g., 12 bits
Integral non-linearity
± 45 Winkelsekunden, Error limits for evaluating sine/cosine period, without mechanical ten-
sion of the stator coupling
Differential non-linearity
± 7 Winkelsekunden, Non-linearity within a sine/cosine period
Operating speed
6,000 
min⁻¹, up to which the absolute position can be reliably produced
Interfaces
Type of code for the absolute value
Binary
Code sequence
Rising, For clockwise shaft rotation, looking in direction “A” (see dimensional drawing)
Communication interface
HIPERFACE®
Available memory area
1,792 Byte
Electrical data
Supply voltage range
7 V DC ... 12 V DC
Recommended supply voltage
8 V DC
Operating power consumption (no load)
< 80 mA 1)
Output frequency for sine/cosine signals
0 kHz ... 200 kHz
1) Without load.
Mechanical data
Shaft version
Through hollow shaft
Shaft material
Stainless steel
Flange material
Zinc diecast
Housing material
Aluminum die cast
Flange type/stator coupling
Stator coupling
1) Take into account self-heating of 3.3 K per 1,000 rpm when designing the operating temperature range.
2
MOTOR FEEDBACK SYSTEMS | SICK
Online data sheet | 2017-06-28 22:15:12
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com