Electronic Components Datasheet Search
  English  ▼

X  

B12JJVC Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # B12JJVC
Description  General Specifications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

B12JJVC Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  B12JJVC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. B12JJVC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. B12JJVC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. B12JJVC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series B
Subminiature Fully Illuminated Toggles
www.nkk.com
A22
A
Poles
1
SPDT
TYPICAL SWITCH ORDERING EXAMPLE
1
P
B
2
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
B12JJPC
J
C
Bushing
J
Clear
J
Actuator
J
Clear
SPDT
ON-NONE-ON Circuit
Clear Toggle & Bushing
with Red LED
Straight
PC Terminals
PC Terminals
P
Straight
H
Right Angle
V
Vertical
Circuits
2
ON
NONE
ON
Combines with single color
or bicolor LEDs
3
ON
OFF
ON
Combines with
bicolor LED only
LEDs
Single Color
C
Red
D
Amber
F
Green
ON-NONE-ON only
Bicolor
CF
Red/Green
ON-NONE-ON
& ON-OFF-ON
ACTUATOR & BUSHING
J
Clear Toggle
J
Clear Bushing
26°
(1.9) Dia
.075
(3.5)
.138
(6.3)
.248
Toggle Position
Connected Terminals
Throw & Schematics
Pole
Throw Model
Up
Center
Down
Up
Center
Down
SPDT
B12
B13
ON
ON
NONE
OFF
ON
ON
2-3
2-3
NONE
OPEN
2-1
2-1
POLE & CIRCUITS
Slot
Slot
Note: Terminal numbers are not actually on
the switch. LED circuit is isolated and
requires an external power source.
Single Color
Bicolor
(5)
(4) Red
(6) Green
(5)
(6)
2 (COM)
1
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com